Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST63140 Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST63140
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY & VOLTAGE SYNTHESIS WITH OSD
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST63140 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST63140 Datasheet HTML 13Page - STMicroelectronics ST63140 Datasheet HTML 14Page - STMicroelectronics ST63140 Datasheet HTML 15Page - STMicroelectronics ST63140 Datasheet HTML 16Page - STMicroelectronics ST63140 Datasheet HTML 17Page - STMicroelectronics ST63140 Datasheet HTML 18Page - STMicroelectronics ST63140 Datasheet HTML 19Page - STMicroelectronics ST63140 Datasheet HTML 20Page - STMicroelectronics ST63140 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 86 page
background image
DWR
Data ROM Window Register
(C9h, Write Only)
D7 D6 D5 D4 D3 D2 D1 D0
DWR0 = Data ROM Window 0
DWR1 = Data ROM Window 1
DWR2 = Data ROM Window 2
DWR3 = Data ROM Window 3
DWR4 = Data ROM Window 4
DWR5 = Data ROM Window 5
DWR6 = Data ROM Window 6
UNUSED
Figure 14. Data ROM Window Register
Data ROM Addressing. All the read-only data are
physically implemented in the ROM in which the
Program Space is also implemented. The ROM
therefore contains the program to be executed and
also the constants and the look-up tables needed
for the program. The locations of Data Space in
which the different constants and look-up tables
are addressed by the ST631xx Core can be con-
sidered as being a 64-byte window through which
it is possible to access to the read-only data stored
in the ROM. This window is located from address
40H to address 7Fh in the Data space and allows
the direct reading of the bytes from the address
000h to address 03Fh in the ROM. All the bytes of
the ROM can be used to store either instructions or
read-only data. Indeed, the window can be moved
by step of 64 bytes along the ROM in writing the
appropriate code in the Write-only Data ROM Win-
dow register (DRWR, location C9h). The effective
address of the byte to be read as a data in the ROM
is obtained by the concatenation of the 6 less sig-
nificant bits of the address in the Data Space (as
less significant bits) and the content of the DRWR
(as most significant bits). So when addressing lo-
cation 40h of data space, and 0 is loaded in the
DRWR, the physical addressed location in ROM is
00h.
D7. This bit is not used.
DWR6-DWR0. These are the Data Rom Window bits
thatcorrespondto theupperbits of data ROM program
space. This register is undefined after reset.
This register is undefined on reset. Neither
read nor single bit instructions may be used to
address this register.
Note. Care is required when handling the DRWR
as it is write only. For this reason, it is not allowed
to change the DRWR contents while executing in-
terrupts drivers, as the driver cannot save and than
restore its previous content. If it is impossible to
avoid the writing of this register in interrupts driv-
ers, an image of this register must be saved in a
RAM location, and each time the program writes
the DRWR it writes also the image register. The im-
age register must be written first, so if an interrupt
occurs between the two instructions the DRWR
register is not affected.
MEMORY SPACES (Continued)
DATA ROM
WINDOW REGISTER
CONTENTS
DATA SPACE ADDRESS
40h-7Fh
IN INSTRUCTION
PROGRAM SPACE ADDRESS
65432
0
543
210
543
210
READ
1
6
7
8
9
10
11
0
1
VR01573B
12
1
0
DATA SPACE ADDRESS
59h
0
0
0
0
0
1
00
1
1
1
Example:
(DWR)
DWR=28h
11
00
00
00
00
1
ROM
ADDRESS:A19h
11
13
01
7
0
0
Figure 15. Data ROM Window Memory Addressing
®
ST63140,142,126,156
13/82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com