Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST63140 Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST63140
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY & VOLTAGE SYNTHESIS WITH OSD
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST63140 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST63140 Datasheet HTML 10Page - STMicroelectronics ST63140 Datasheet HTML 11Page - STMicroelectronics ST63140 Datasheet HTML 12Page - STMicroelectronics ST63140 Datasheet HTML 13Page - STMicroelectronics ST63140 Datasheet HTML 14Page - STMicroelectronics ST63140 Datasheet HTML 15Page - STMicroelectronics ST63140 Datasheet HTML 16Page - STMicroelectronics ST63140 Datasheet HTML 17Page - STMicroelectronics ST63140 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 86 page
background image
PROGRAM SPACE
VR001568
INTERRUPT &
RESET VEC TOR S
AC CUMUL ATOR
WREGISTER
RA M
DATA ROM
WINDOW
RAM / EEPROM
BANKING AR EA
DATA SPACE
DATA RAM
BANK S ELECT
DATA ROM
WIND OW SELECT
VREGISTER
YREGISTER
XREGISTER
0-63
0000h
07FFh
0800h
0FF0h
0FFFh
000h
03Fh
040h
070h
080h
081h
082h
083h
084h
0FFh
0C 0h
ROM
ROM
STACK LEVEL 1
STACK LEVEL 2
STACK LEVEL 3
STACK LEVEL 4
STACK LEVEL 5
STACK LEVEL 6
PROGRAM COUNTER
STAC K SPAC E
Figure 7. ST631xx Memory Addressing Description Diagram
MEMORY SPACES
The MCUs operate in three different memory
spaces: Program Space, Data Space, and Stack
Space. A description of these spaces is shown in
the following Figures.
Program Space
The program space is physically implemented in
the ROM and includes all the instructions that are
to be executed, as well as the data required for the
immediate addressing mode instructions, the re-
served test area and user vectors. It is addressed
thanks to the 12-bit Program Counter register (PC
register) and so, the ST631xx Core can directly ad-
dress up to 4K bytes of Program Space. Neverthe-
less, the Program Space can be extended by the
addition of 2-Kbyte ROM banks as it is shown in
Figure 8 in which the 8K bytes memory is de-
scribed.
These banks are addressed by pointing to the
000h-7FFh locations of the Program Space thanks
to the Program Counter, and by writing the appro-
priate code in the Program ROM Page Register
(PRPR) located at address CAh
of the Data
Space. Because interrupts and common subrou-
tines should be available all the time only the lower
2K bytes of the 4K program space are bank
switched while the upper 2K bytes can be seen as
Program
counter
space
0000h
1FFFh
0FFFh
Static Page
Page 1
0800h
07FFh
Page 0
Page 1
Static Page
Page 2
Page 3
0000h
Figure 8. ST631xx 8K Bytes Program Space
Addressing Description
static space. Table 3 gives the codes that allow the
selection of the corresponding banks.
Note that, from the memory point of view, the Page
1 and the Static Page represent the same physical
memory: it is only a different way of addressing the
same location. On the ST631xx a total of 8192
bytes of ROM have been implemented; 7948 are
available as user ROM while 244 are reserved for
testing.
®
ST63140,142,126,156
10/82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com