Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST63140 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST63140
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY & VOLTAGE SYNTHESIS WITH OSD
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST63140 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST63140 Datasheet HTML 2Page - STMicroelectronics ST63140 Datasheet HTML 3Page - STMicroelectronics ST63140 Datasheet HTML 4Page - STMicroelectronics ST63140 Datasheet HTML 5Page - STMicroelectronics ST63140 Datasheet HTML 6Page - STMicroelectronics ST63140 Datasheet HTML 7Page - STMicroelectronics ST63140 Datasheet HTML 8Page - STMicroelectronics ST63140 Datasheet HTML 9Page - STMicroelectronics ST63140 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 86 page
background image
Figure 1. ST63126, 156 Pin Configuration
Figure 2. ST63140, 142 Pin Configuration
DA0
DA3
PC5 (R)
IRIN
OUT1
DA1
DA2
PA1
(SCL) PB5
(SDA) PB6
12
11
10
9
(SEN) PB7
KBY2
KBY
KBY0
8
7
6
5
BSW3
BSW2
BSW0
4
3
2
1
PA3
PA2
21
22
PA4
RESET
OSCin
OSCout
PC1
23
24
25
26
27
28
PA5
PA6
TEST
AFC
(VSYNC) PB2
(HSYNC) PB3
OSDOSCin
OSDOSCout
29
30
31
32
33
34
35
PC6 (G)
PC7 (B)
36
37
38
39
40
VA00282
V
DD
13
14
15
16
17
18
19
20
V
SS
1
BSW1
PC3 (BLANK)
PC2 (ON/OFF)
(1)
PC0
DA0
DA3
PC5 (R)
IRIN
OUT1
DA1
DA2
PA1
(SCL) PB5
(SDA) PB6
12
11
10
9
(SEN) PB7
KBY2
KBY
KBY0
8
7
6
5
BSW3
BSW2
BSW0
4
3
2
1
PA3
PA2
21
22
PA4
RESET
OSCin
OSCout
PC1
23
24
25
26
27
28
PA5
PA6
TEST
AFC
(VSYNC) PB2
(HSYNC) PB3
OSDOSCin
OSDOSCout
29
30
31
32
33
34
35
PC6 (G)
PC7 (B)
36
37
38
39
40
VA00288
V
DD
13
14
15
16
17
18
19
20
V
SS
1
BSW
PC3 (BLANK)
PC2 (ON/OFF)
VS
(1)
BSW0
BSW1
BSW2
KBY0
KBY1
KBY2
OSDOSCout
OSDOSCin
PB3 (HSYNC)
PB2 (VSYNC)
AFC
TEST
PA4
V
DA0
OUT1
VS
PC6 (G)
PC4
PC3 (BLANK)
PC2
OSCout
OSCin
RESET
PA0
PA1
PA2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
VR001389
DD
VSS
(1)
BSW0
BSW1
BSW2
KBY0
KBY1
KBY2
OSDOSCout
OSDOSCin
PB3 (HSYNC)
PB2 (VSYNC)
AFC
TEST
PA4
V
V
DA0
OUT1
IRIN
PC6 (G)
PC5 (R)
PC4
PC2
OSCout
OSCin
RESET
PA0
PA1
PA2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
VR001390
DD
SS
(1)
Note 1. This pin is also the VPP input for EPROM based devices
ST63126
ST63156
ST63140
ST63142
Note 1. This pin is also the VPP input for EPROM based devices
®
ST63140,142,126,156
2/82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com