Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT80C51 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # HT80C51
Description  User Manual Document Information
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT80C51 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button HT80C51 Datasheet HTML 6Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 7Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 8Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 9Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 10Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 11Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 12Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 13Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 132 page
background image
Handshake Solutions
HT80C51 User Manual
Memory Organization – Accessing Program Memory
Page 10 of 132
© Philips Electronics N.V. 2005
special functions
registers (SFRs)
upper area of
RAM
(128 bytes)
lower area of
RAM
(128 bytes)
direct addressing
(DATA)
indirect addressing
(IDATA)
internal data memory
FFH
80H
7FH
00H
[Figure 4]
Memory map of Internal Data
2.2.
Accessing Program Memory
The program memory is readable only and can be accessed by two access methods:
Instruction fetches using the 16bit program counter (PC) as the address or move-code instructions
using the 16bit data pointer (MOVC @DPTR) or again the PC (MOVC @PC) as reference.
2.3.
Accessing External Data Memory
In contrast to the program memory the external data memory is read- and writeable. Accesses to ex-
ternal data memory can be done thru the MOVX-instruction only, which comes in two flavors:
MOVX @DPTR uses the data pointer to form the 16bit address.
MOVX @Ri uses one of the index registers to form the lower 8bits of the address with the upper part
of the address being defined by the SFR XRAMP.
The first variant is usually faster and a more general access method. The second variant (MOVX @Ri)
can be used as a paging access to a rather small area of data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com