Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT80C51 Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # HT80C51
Description  User Manual Document Information
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT80C51 Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button HT80C51 Datasheet HTML 45Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 46Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 47Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 48Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 49Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 50Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 51Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 52Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 132 page
background image
HT80C51 User Manual
Peripheral Modules – I2C Interface (SIO1)
Handshake Solutions
© Philips Electronics N.V. 2005
Page 49 of 132
The output stages should consist of open drain transistors that can sink 3mA at VOUT < 0.4 V. These
open drain outputs should not have clamping diodes to VDD. Thus, if the device is connected to the
I2C bus and VDD is switched off, the I2C bus is not affected.
Address Register, S1ADR
This 8-bit special function register may be loaded with the 7-bit slave address (7 most significant bits)
to which SIO1 will respond when programmed as a slave transmitter or receiver. The LSB (GC) is
used to enable general call address (00H) recognition.
Comparator
The comparator compares the received 7-bit slave address with its own slave address (7 most signifi-
cant bits in S1ADR). It also compares the first received 8-bit byte with the general call address (00H). If
equality is found, the appropriate status bits are set and an interrupt is requested.
Shift Register, S1DAT
This 8-bit special function register contains a byte of serial data to be transmitted or a byte, which has
just been received. Data in S1DAT is always shifted from right to left; the first bit to be transmitted is the
MSB (bit 7) and, after a byte has been received, the first bit of received data is located at the MSB of
S1DAT. While data is being shifted out, data on the bus is simultaneously being shifted in; S1DAT al-
ways contains the last byte present on the bus.
Thus, in the event of lost arbitration, the transition from master transmitter to slave receiver is made
with the correct data in S1DAT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com