Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT80C51 Datasheet(PDF) 89 Page - List of Unclassifed Manufacturers

Part # HT80C51
Description  User Manual Document Information
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT80C51 Datasheet(HTML) 89 Page - List of Unclassifed Manufacturers

Back Button HT80C51 Datasheet HTML 85Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 86Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 87Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 88Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 89Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 90Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 91Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 92Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 93Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 132 page
background image
HT80C51 User Manual
80C51 Family Instruction Set – 80C51 Instruction Set Summary
Handshake Solutions
© Philips Electronics N.V. 2005
Page 89 of 132
MNEMONIC
DESCRIPTION
BYTE
MACHINE
CYCLES
LOGICAL OPERATIONS (continued)
XRL
A,@Ri
Exclusive-OR indirect RAM to Accumulator
1
1
XRL
A,#data
Exclusive-OR immediate data to Accumulator
2
1
XRL
direct,A
Exclusive-OR Accumulator to direct byte
2
1
XRL
direct,#data
Exclusive-OR immediate data to direct byte
3
2
CLR
A
Clear Accumulator
1
1
CPL
A
Complement Accumulator
1
1
RL
A
Rotate Accumulator left
1
1
RLC
A
Rotate Accumulator left through the carry
1
1
RR
A
Rotate Accumulator right
1
1
RRC
A
Rotate Accumulator right through the carry
1
1
SWAP
A
Swap nibbles within the Accumulator
1
1
DATA TRANSFER
MOV
A,Rn
Move register to Accumulator
1
1
MOV
A,direct
Move direct byte to Accumulator
2
1
MOV
A,@Ri
Move indirect RAM to Accumulator
1
1
MOV
A,#data
Move immediate data to Accumulator
2
1
MOV
Rn,A
Move Accumulator to register
1
1
MOV
Rn,direct
Move direct byte to register
2
2
MOV
RN,#data
Move immediate data to register
2
1
MOV
direct,A
Move Accumulator to direct byte
2
1
MOV
direct,Rn
Move register to direct byte
2
2
MOV
direct,direct
Move direct byte to direct
3
2
MOV
direct,@Ri
Move indirect RAM to direct byte
2
2
MOV
direct,#data
Move immediate data to direct byte
3
2
MOV
@Ri,A
Move Accumulator to indirect RAM
1
1
MOV
@Ri,direct
Move direct byte to indirect RAM
2
2
MOV
@Ri,#data
Move immediate data to indirect RAM
2
1
MOV
DPTR,#data16
Load Data Pointer with a 16-bit constant
3
2
MOVC
A,@A+DPTR
Move Code byte relative to DPTR to ACC
1
2
MOVC
A,@A+PC
Move Code byte relative to PC to ACC
1
2
MOVX
A,@Ri
Move external RAM (8-bit addr) to ACC
1
2
MOVX
A,@DPTR
Move external RAM (16-bit addr) to ACC
1
2
MOVX
A,@Ri,A
Move ACC to external RAM (8-bit addr)
1
2
MOVX
@DPTR,A
Move ACC to external RAM (16-bit addr)
1
2
PUSH
direct
Push direct byte onto stack
2
2
POP
direct
Pop direct byte from stack
2
2
XCH
A,Rn
Exchange register with Accumulator
1
1
XCH
A,direct
Exchange direct byte with Accumulator
2
1
XCH
A,@Ri
Exchange indirect RAM with Accumulator
1
1
XCHD
A,@Ri
Exchange low-order digit indirect RAM with ACC
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com