Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT80C51 Datasheet(PDF) 48 Page - List of Unclassifed Manufacturers

Part # HT80C51
Description  User Manual Document Information
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT80C51 Datasheet(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button HT80C51 Datasheet HTML 44Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 45Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 46Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 47Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 48Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 49Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 50Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 51Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 52Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 132 page
background image
Handshake Solutions
HT80C51 User Manual
Peripheral Modules – I2C Interface (SIO1)
Page 48 of 132
© Philips Electronics N.V. 2005
OTHER DEVICE WITH
I2C INTERFACE
OTHER DEVICE WITH
I2C INTERFACE
P89C66x
P1.7/SDA
P1.6/SCL
SDA
SCL
Rp
Rp
VDD
I2C bus
[Figure 14] Typical I
2C Bus Configuration
12
7
8
ACK
91
2
3-8
ACK
9
REPEATED IF MORE BYTES
ARE TRANSFERRED
CLOCK LINE HELD LOW WHILE
INTERRUPTS ARE SERVICED
ACKNOWLEDGMENT
SIGNAL FROM RECEIVER
ACKNOWLEDGMENT
SIGNAL FROM RECEIVER
R/W
DIRECTION
BIT
SLAVE ADDRESS
MSB
SDA
SCL
STOP
CONDITION
REPEATED
START
CONDITION
P/S
S
START
CONDITION
[Figure 15] Data Transfer on the I
2C Bus
5.5.4.2.
SIO1 Implementation and Operation
[Figure 16] shows how the on-chip I2C bus interface is implemented, and the following text describes
the individual blocks.
Input Filters and Output Stages
The input filters should have I2C compatible input levels. If the input voltage is less than 1.5 V, the
input logic level is interpreted as 0; if the input voltage is greater than 3.0 V, the input logic level is
interpreted as 1. For low speed implementations it is advisable to use input filter circuits for the pins
SDA and SCL, to suppress noise on these signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com