Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT80C51 Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # HT80C51
Description  User Manual Document Information
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT80C51 Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button HT80C51 Datasheet HTML 40Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 41Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 42Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 43Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 44Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 45Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 46Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 47Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 132 page
background image
Handshake Solutions
HT80C51 User Manual
Peripheral Modules – I2C Interface (SIO1)
Page 44 of 132
© Philips Electronics N.V. 2005
5.5.
I2C Interface (SIO1)
The Handshake Technology I2C (referred to as HT-I2C) is a low power version of the standard 80C51
I2C (as used in the 8XC552 80C51).
The HT-I2C implementation offers several unique features, which are detailed below.
•
The HT-I2C consumes almost zero stand-by power while in sleep mode, yet is immediately
available for full-speed full-functional operation.
•
The HT-I2C has very low electromagnetic emission (EME).
•
The HT-I2C has low supply-current peaks, thus facilitating integration with analog and RF cir-
cuitry.
•
The HT-I2C use a dedicated special function register (HT-SFR) bus for interconnects with the
HT80C51 micro-controller.
5.5.1.
Options
A master-slave combination of the I2C interface can be ordered by option HT80C51_I2C.
A slave-only I2C interface can be ordered by using option HT80C51_I2C_SLAVEONLY.
5.5.2.
Special function registers (S1CON S1ADR S1DAT S1STA )
S1CON
SIO1 control register
addr = D8H
reset value = 00H
bits
7
6
5
4
3
2
1
0
CR2
ENS1
STA
STO
SI
AA
CR1
CR0
bit
symbol
Function
S1CON.7
CR2
Clock rate bit 2 (not implemented in slave-only version)
S1CON.6
ENS1
1:
0:
SIO1 enable bit
SIO1 enabled
SIO1 disabled
S1CON.5
STA
STArt flag, starts transmission (not implemented in slave-only version)
S1CON.4
STO
STOp flag, stops transmission
S1CON.3
SI
Serial Interrupt; set by hardware, when an interrupt request is gener-
ated; must be reset be software
S1CON.2
AA
1:
0:
Assert Acknowledge flag; type of acknowledge to be returned
return NOT ACK
return ACK
S1CON.1
CR1
Clock rate bit 1 (not implemented in slave-only version)
S1CON.0
CR0
Clock rate bit 0 (not implemented in slave-only version)
Note: For “not implemented” bits always write 0s, read accesses always return 0.
The master and slave operate on a common clock signal, which depends on the actual values of the
signals CR0, CR1 and CR2. Changing one or more of the following bits CR0, CR1 or CR2 during a data
transfer may lead to unpredictable results. The baud rates are derived from a dedicated clock input pin
(i2c_clk_i).
Note: Baud rate generation and clock input pin (i2c_clk_i) are not available for the slave-only ver-
sion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com