Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT80C51 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # HT80C51
Description  User Manual Document Information
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT80C51 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button HT80C51 Datasheet HTML 24Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 25Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 26Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 27Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 28Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 29Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 30Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 31Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 132 page
background image
Handshake Solutions
HT80C51 User Manual
Peripheral Modules – Timers 0 and 1
Page 28 of 132
© Philips Electronics N.V. 2005
5.2.3.
Interrupts
Each of the timers can generate two separate interrupt signals, which are directly connected to inter-
rupt request lines of the interrupt controller. The following table and [Figure 8] describe these sources
and connections. For interrupt priorities and interrupt vectors see the description of the interrupt con-
troller.
interrupt
source
Description
Interrupt
signal
timer 0:
IE0
Set by hardware when external interrupt t01_int0_n_i is detected. If SFR
bit IT0 is set, the flag is set on a falling edge of the external interrupt, if IT0 is
cleared, a low level on the external interrupt line cause an interrupt.
Cleared when interrupt is processed.
int0
TF0
Timer 0 overflow flag.
Set by hardware on Timer/Counter overflow.
Cleared by hardware when processor vectors to interrupt routine, or clearing
the bit in software.
int1
timer 1:
IE1
Set by hardware when external interrupt t01_int1_n_i is detected. If SFR
bit IT1 is set, the flag is set on a falling edge of the external interrupt, if IT1 is
cleared, a low level on the external interrupt line cause an interrupt.
Cleared when interrupt is processed.
int2
TF1
Timer 1 overflow flag.
Set by hardware on Timer/Counter overflow.
Cleared by hardware when processor vectors to interrupt routine, or clearing
the bit in software.
int3
IE1
t01_int1_n_i
IT1
0
1
IE0
t01_int0_n_i
IT0
0
1
TF0
TF1
int0
int1
int2
int3
[Figure 8]
Interrupt Sources From the Timers 0 and 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com