Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT80C51 Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # HT80C51
Description  User Manual Document Information
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT80C51 Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button HT80C51 Datasheet HTML 33Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 34Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 35Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 36Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 37Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 38Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 39Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 40Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 132 page
background image
HT80C51 User Manual
Peripheral Modules – Standard Serial Interface (SIO0)
Handshake Solutions
© Philips Electronics N.V. 2005
Page 37 of 132
SBUF read only
SBUF write only
HT-SFR bus
sio_rxd_i
sio_txd_o
TI
>=1
&
RI
>=1
&
sio_clk_o
int[4]
sio_clk_i
sio_active_o
sio_mode0_o
1
SEND
RECEIVE
notRI
REN
RECEIVE
[Figure 12] Block Diagram of Serial Interface in Mode 0
5.3.4.5.
More About Mode 1
10 bits are transmitted (through sio_txd_o) or received (through sio_rxd_i): a start bit (0), 8 data
bits (LSB first), and a stop bit (1). On receive, the stop bit goes into RB8 in Special Function Register
SCON. The baud rate is derived from the overflow rate of timer 1. [Figure 13]shows a simplified func-
tional diagram of the serial port in mode 1.
Transmission is initiated by any instruction that uses SBUF as a destination register. Transmission
actually commences immediately after the next rollover in the divide-by-16 counter. (Thus, the bit
times are synchronized to the divide-by-16 counter, not to the “write to SBUF” signal.) After sending the
start-bit and 8 data bits, the TI bit is set and the stop-bit is sent.
Reception is initiated by the detection of a 1-to-0 transition at sio_rxd_i. For this purpose
sio_rxd_i is sampled at a rate of 16 times whatever baud rate has been established. When a transi-
tion is detected, the divide-by-16 counter is immediately reset, thus it aligns its rollovers with the
boundaries of the incoming bit times. At the 7th, 8th, and 9th counter states of each bit time, the bit
detector samples the value of sio_rxd_i. The value accepted is the value that was seen in at least 2
of the 3 samples. This is done for noise rejection. If the value accepted during the first bit time is not 0,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com