Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT80C51 Datasheet(PDF) 91 Page - List of Unclassifed Manufacturers

Part # HT80C51
Description  User Manual Document Information
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT80C51 Datasheet(HTML) 91 Page - List of Unclassifed Manufacturers

Back Button HT80C51 Datasheet HTML 87Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 88Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 89Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 90Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 91Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 92Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 93Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 94Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 95Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 132 page
background image
HT80C51 User Manual
80C51 Family Instruction Set – Instruction definitions
Handshake Solutions
© Philips Electronics N.V. 2005
Page 91 of 132
6.2.
Instruction definitions
ACALL addr11
Function: Absolute Call
Description: ACALL unconditionally calls a subroutine located at the indicated address. The instruction incre-
ments the PC twice to obtain the address of the following instruction, then pushes the 16-bit result
onto the stack (low-order byte first) and increments the Stack Pointer twice. The destination ad-
dress is obtained by successively concatenating the five high-order bits of the incremented PC,
opcode bits 7-5, and the second byte of the instruction. The subroutine called must therefore start
within the same 2k block of the program memory as the first byte of the instruction following
ACALL. No flags are affected.
Example: Initially SP equals 07H. The label “SUBRTN” is at program memory location 0345 H. After execut-
ing the instruction,
ACALL SUBRTN
at location 0123H, SP will contain 09H, internal RAM locations 08H and 09H will contain 25H and
01H, respectively, and the PC will contain 0345H.
Bytes: 2
Cycles: 2
Encoding:
Operation: ACALL
(PC)
← (PC) + 2
(SP)
← (SP) + 1
(SP)
← (PC7-0)
(SP)
← (SP) + 1
(SP)
← (PC15-8)
(PC10-0)
← page address
a10
a9
a8
1
0
0
0
1
a7
a6
a5
a4
a3
a2
a1
a0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com