Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT80C51 Datasheet(PDF) 74 Page - List of Unclassifed Manufacturers

Part # HT80C51
Description  User Manual Document Information
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT80C51 Datasheet(HTML) 74 Page - List of Unclassifed Manufacturers

Back Button HT80C51 Datasheet HTML 70Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 71Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 72Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 73Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 74Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 75Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 76Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 77Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 78Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 132 page
background image
Handshake Solutions
HT80C51 User Manual
Peripheral Modules – Serial Peripheral Interface (SPI)
Page 74 of 132
© Philips Electronics N.V. 2005
5.6.
Serial Peripheral Interface (SPI)
This serial peripheral interface is a full-duplex, high-speed, synchronous communication bus with two
operation modes: Master mode and Slave mode. The main features are:
•
Full Duplex, Three-Wire Synchronous Transfers
•
Master or Slave Operation
•
Four Programmable Master Bit Rates
•
Programmable Clock Polarity and Phase
•
End-of-Transmission Interrupt Flag
•
Write Collision Flag Protection
5.6.1.
Options
The SPI interface can be selected (ordered) by using option HT80C51_SPI .
5.6.2.
Special function registers (SPCR SPSR SPDR)
SPCR
SPI control register
addr = F5H
reset value = 0000
0100
bits
7
6
5
4
3
2
1
0
SPIE
SPE
DWOM
MSTR
CPOL
CPHA
SPR1
SPR0
bit
Symbol
Function
SPCR.7
SPIE
1:
0:
SPI interrupt enable
SPI interrupt enabled: SFR bit SPIF causes an SPI interrupt
(int_req_i[6])
SPI interrupt disabled: no SPI interrupt generated
SPCR.6
SPE
1:
0:
SPI interface enable
SPI interface enabled, output pin spi_spe_o is 1
SPI interface disabled, output pin spi_spe_o is 0
SPCR.5
DWOM
1:
0:
Port D Wire-OR Mode; connected to output pin spi_dwom_o.
The environment can use the signal of this output pin to select the
output mode:
spi_dwom_o = 1: use open drain outputs
spi_dwom_o = 0: use standard CMOS outputs
DWOM is not used by the SPI interface internally.
SPCR.4
MSTR
1:
0:
Master mode select
master mode
slave mode
SPCR.3
CPOL
1:
0:
Clock Polarity; selects the polarity of the shift clock (spi_sck_o in
master mode, spi_sck_i in slave mode) (see [Figure 29])
shift clock is active low
shift clock is active high
SPCR.2
CPHA
1:
0:
Clock phase
As soon as input pin spi_ss_n_i goes low, the transaction begins and
the first edge of spi_sck_i invokes the first data sample.
If input pin spi_ss_n_i is 0, the outputs are enabled.
SPCR.1
SPCR.0
SPR1
SPR0
Baudrate select bits.
In master mode these bits select the clock divisor for generating the
clock output spi_sck_o (see table below).
In slave mode these bits have no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com