Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT80C51 Datasheet(PDF) 76 Page - List of Unclassifed Manufacturers

Part # HT80C51
Description  User Manual Document Information
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT80C51 Datasheet(HTML) 76 Page - List of Unclassifed Manufacturers

Back Button HT80C51 Datasheet HTML 72Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 73Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 74Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 75Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 76Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 77Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 78Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 79Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 80Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 132 page
background image
Handshake Solutions
HT80C51 User Manual
Peripheral Modules – Serial Peripheral Interface (SPI)
Page 76 of 132
© Philips Electronics N.V. 2005
A write to SPDR is not buffered; the data is directly stored into the shift register for trans-
mission.
5.6.3.
Interrupts
When a data transfer is completed, bit SPIF (SPSR.7) is set. If SPIF =1 and SFR bit SPIE (SPCR.7) is set,
an SPI interrupt on interrupt line int6 is generated.
SPIF has to be cleared by software by reading SPSR first and accessing SPDR afterwards.
5.6.4.
Operation
[Figure 28] shows a block diagram of the serial peripheral interface circuitry. When a master device
transmits data to a slave device via the MOSI line, the slave device responds by sending data to the
master device via the master’s MISO line. This implies full duplex transmission with both data out and
data in synchronized with the same clock signal. Thus, the byte transmitted is replaced by the byte
received and eliminates the need for separate transmit-empty and receiver-full status bits. A single
status bit (SPIF) is used to signify that the l/O operation has been completed.
The SPI is double buffered on read, but not on write. If a write is performed during data transfer, the
transfer occurs uninterrupted, and the write will be unsuccessful. This condition will cause the write
collision (WCOL) status bit in the SPSR to be set. After a data byte is shifted, the SPIF flag of the SPSR is
set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com