Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT80C51 Datasheet(PDF) 71 Page - List of Unclassifed Manufacturers

Part # HT80C51
Description  User Manual Document Information
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT80C51 Datasheet(HTML) 71 Page - List of Unclassifed Manufacturers

Back Button HT80C51 Datasheet HTML 67Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 68Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 69Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 70Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 71Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 72Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 73Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 74Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 75Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 132 page
background image
HT80C51 User Manual
Peripheral Modules – I2C Interface (SIO1)
Handshake Solutions
© Philips Electronics N.V. 2005
Page 71 of 132
Data Transfer After Loss of Arbitration
Arbitration may be lost in the Master Transmitter and Master Receiver modes (see [Figure 17]). Loss
of arbitration is indicated by the following states in S1STA: 38H, 68H, 78H, and B0H (see [Figure 21]
and [Figure 22]).
If the STA flag in S1CON is set by the routines which service these states, then, if the bus is free again,
a START condition (state 08H) is transmitted without intervention by the CPU, and a retry of the total
serial transfer can commence.
Forced Access to the I2C Bus
In some applications, it may be possible for an uncontrolled source to cause a bus hang-up. In such
situations, the problem may be caused by interference, temporary interruption of the bus or a tempo-
rary short-circuit between SDA and SCL.
If an uncontrolled source generates a superfluous START or masks a STOP condition, then the I2C
bus stays busy indefinitely. If the STA flag is set and bus access is not obtained within a reasonable
amount of time, then a forced access to the I2C bus is possible. This is achieved by setting the STO
flag while the STA flag is still set. No STOP condition is transmitted. The SIO1 hardware behaves as if
a STOP condition was received and is able to transmit a START condition. The ST0 flag is cleared by
hardware (see [Figure 26]).
S
SLA
W
A
DATA
18H
RECEPTION OF THE OWN SLAVE
ADDRESS AND ONE OR MORE
DATA BYTES ALL ARE
ACKNOWLEDGED
BOTH MASTERS CONTINUE
WITH SLA TRANSMISSION
A
S
08H
28 H
OTHER MASTER SENDS REPEATED
START CONDITION EARLIER
[Figure 25] Simultaneous Repeated START Conditions from 2 Masters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com