Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT80C51 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # HT80C51
Description  User Manual Document Information
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT80C51 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button HT80C51 Datasheet HTML 9Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 10Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 11Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 12Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 13Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 14Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 15Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 16Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 132 page
background image
HT80C51 User Manual
Memory Organization – Special Function Registers
Handshake Solutions
© Philips Electronics N.V. 2005
Page 13 of 132
2.5.
Special Function Registers
The upper address range of the direct addressable data memory is occupied by the special function
registers (SFRs). These registers not only serve as data storage, they also have special function for
the CPU or peripherals they are attached to. A map of this area is shown in [Figure 6].
F8
FF
F0
B
SPCR
SPSR
SPDR
F7
E8
EF
E0
ACC
E7
D8
S1CON S1STA S1DAT S1ADR
DF
D0
PSW
D7
C8
XRAMP
CF
C0
C7
B8
IP
BF
B0
B7
A8
IE
AF
A0
A7
98
SCON
SBUF
9F
90
97
88
TCON
TMOD
TL0
TL1
TH0
TH1
8F
80
SP
DPL
DPH
PCON
87
↑ SFRs in this column are bit addressable
[Figure 6]
SFR memory map
Note that in the SFR-map not all of the addresses are occupied. Unoccupied addresses are not im-
plemented on the chip. Read accesses to these unimplemented SFR locations will in general return
random data, and write accesses will have no effect. User software should not write 1s to these unim-
plemented locations, since they may be used in other 80C51 Family derivative products to invoke new
features.
There are two types of special functions registers: registers, which are part of the CPU and often di-
rectly used by certain instructions, and SFRs, which are implemented in peripheral blocks. The SFRs
of the CPU are available in all derivatives of this microcontroller and are described in the text below.
Peripheral blocks are optional and so are the SFRs, which are implemented inside these peripherals.
Therefore the peripheral SFRs are described with the peripheral blocks in Chapter 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com