Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT80C51 Datasheet(PDF) 82 Page - List of Unclassifed Manufacturers

Part # HT80C51
Description  User Manual Document Information
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT80C51 Datasheet(HTML) 82 Page - List of Unclassifed Manufacturers

Back Button HT80C51 Datasheet HTML 78Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 79Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 80Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 81Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 82Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 83Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 84Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 85Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 86Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 132 page
background image
Handshake Solutions
HT80C51 User Manual
Peripheral Modules – Triple-DES Converter
Page 82 of 132
© Philips Electronics N.V. 2005
5.8.
Triple-DES Converter
DES stands for `Data Encryption Standard’ and is a widely used standard for enciphering and deci-
phering blocks of data. This coprocessor can autonomously do a complete single- or triple- DES en-
cryption or decryption.
Features:
•
two 56bit key registers
•
64bit text register for encryption and decryption
•
single DES encryption
•
single DES decryption
•
triple DES encryption
•
triple DES decryption
5.8.1.
Options
The triple-DES converter can be selected (ordered) by using option HT80C51_DES .
5.8.2.
Special function registers (DCON DKEY DTXT)
DCON
DES control register (write only)
addr = C0H
reset value = XX
bits
7
6
5
4
3
2
1
0
-
-
-
-
-
DCMD
bit
symbol
Function
DCON.7
DCON.6
DCON.5
DCON.4
DCON.3
-
reserved bits
write always 0, read 0
DCON.2
DCON.1
DCON.0
Command for triple DES-converter. For a list of commands, see table
below.
The DCON register is write-only. The value, which is written into DCON, determines the
command for the triple-DES converter. This command is started immediately after DCON
has been written.
DCMD
command description
0
Store key in KEY0
1
Store key in KEY1
2
Swap KEY0 and KEY1
3
Reverse the order of bytes in
text register
4
Single-DES encryption
5
Single-DES decryption
6
Triple-DES encryption
7
Triple-DES decryption



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com