Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT80C51 Datasheet(PDF) 85 Page - List of Unclassifed Manufacturers

Part # HT80C51
Description  User Manual Document Information
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT80C51 Datasheet(HTML) 85 Page - List of Unclassifed Manufacturers

Back Button HT80C51 Datasheet HTML 81Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 82Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 83Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 84Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 85Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 86Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 87Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 88Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 89Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 132 page
background image
HT80C51 User Manual
Peripheral Modules – Triple-DES Converter
Handshake Solutions
© Philips Electronics N.V. 2005
Page 85 of 132
5.8.5.5.
Examples
A single DES encryption with key
B1B2B3B4B5B6B7B8
and plain text
3D9D3FA9FC8AD337
can be done using following code:
; Store key in KEY0
MOV
DKEY, #B8h
MOV
DKEY, #B7h
MOV
DKEY, #B6h
MOV
DKEY, #B5h
MOV
DKEY, #B4h
MOV
DKEY, #B3h
MOV
DKEY, #B2h
MOV
DKEY, #B1h
MOV
DCON, #00h
; Write plain text into DTXT
MOV
DTXT, #37h
MOV
DTXT, #D3h
MOV
DTXT, #8Ah
MOV
DTXT, #FCh
MOV
DTXT, #A9h
MOV
DTXT, #3Fh
MOV
DTXT, #9Dh
MOV
DTXT, #3Dh
; Invoke a single-DES encrytion
MOV
DCON, #4
; the generated cipher text is F64E59B5B5A36506
; Reading the result:
MOV
R0, DTXT
MOV
R1, DTXT
MOV
R2, DTXT
MOV
R3, DTXT
MOV
R4, DTXT
MOV
R5, DTXT
MOV
R6, DTXT
MOV
R7, DTXT
; will result with value 06h in R0, 65h in R1, etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com