Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT80C51 Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # HT80C51
Description  User Manual Document Information
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT80C51 Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button HT80C51 Datasheet HTML 39Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 40Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 41Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 42Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 43Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 44Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 45Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 46Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 132 page
background image
HT80C51 User Manual
Peripheral Modules – General Purpose IOs
Handshake Solutions
© Philips Electronics N.V. 2005
Page 43 of 132
POUT3
Output Port 3
addr = B0
(configurable)
reset value = FFH
bits
7
6
5
4
3
2
1
0
POUT3
bit
symbol
Function
POUT3.7
..
POUT3.0
set the output values of output pins gpio_pout3_o[7:0]
POUTx
Output Port x, x>3
addr =
(configurable)
reset value = FFH
bits
7
6
5
4
3
2
1
0
POUTx
bit
symbol
Function
POUTx.7
..
POUTx.0
set the output values of output pins gpio_poutx_o[7:0]
PINx
Input Port x
addr =
(configurable)
reset value =
not applicable
bits
7
6
5
4
3
2
1
0
PINx
bit
symbol
Function
PINx.7 ..
PINx.0
Read the values of input pins gpio_pinx_o[7:0].
Write accesses have no effect.
5.4.3.
Interrupts
No interrupts are generated.
5.4.4.
Operation
Write accesses to output ports directly set the related output pins. There is no synchronization to any
external clocks done. Read accesses to output ports return the contents of the output latches.
Read accesses to input port return the values that are applied to their related input pins. Write ac-
cesses to an input port have no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com