Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T84C5112-RKFEL Datasheet(PDF) 62 Page - ATMEL Corporation

Part # T84C5112-RKFEL
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T84C5112-RKFEL Datasheet(HTML) 62 Page - ATMEL Corporation

Back Button T84C5112-RKFEL Datasheet HTML 58Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 59Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 60Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 61Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 62Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 63Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 64Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 65Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 66Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 97 page
background image
62
Rev. B - November 10, 2000
Preliminary
T80C5112
14.7. ADC Standby Mode
When the ADC is not used, it is possible to set it in standby mode by clearing bit ADEN in ADCON register.
In this mode the power dissipation is about 1uW.
14.8. Voltage referencee
The voltage reference can be either internal or external.
As input, the Vref pin is used to enter the voltage reference for the A/D conversion.
When the voltage reference is active, the Vref pin is an output. This voltage can be used for the A/D and for any
other application requiring a voltage independant from the power supply. Voltage typical value is 2.4 volt and the
load must greater than 18 kOms.
14.9. IT ADC management
An interrupt end-of-conversion will occurs when the bit ADEOC is actived and the bit EADC is set. For re-arming
the interrupt the bit ADEOC must be cleared by software.
Figure 31. ADC interrupt structure
14.10. Registers
Table 35. ADCON Register
ADCON (S:F3h)
ADC Control Register
7
6
5
4
3
2
1
0
QUIETM
PSIDLE
ADEN
ADEOC
ADSST
SCH2
SCH1
SCH0
Bit Number Bit Mnemonic
Description
7
QUIETM
Pseudo Idle mode (best precision)
Set to put in quiet mode during conversion.
Cleared by hardware after completion of the conversion.
6
PSIDLE
Pseudo Idle mode (good precision)
Set to put in idle mode during conversion.
Cleared by hardware after completion of the conversion.
ADEOC
ADCON.2
EADC
IE1.1
ADCI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com