Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T84C5112-RKFEL Datasheet(PDF) 61 Page - ATMEL Corporation

Part # T84C5112-RKFEL
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T84C5112-RKFEL Datasheet(HTML) 61 Page - ATMEL Corporation

Back Button T84C5112-RKFEL Datasheet HTML 57Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 58Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 59Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 60Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 61Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 62Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 63Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 64Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 65Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 97 page
background image
Rev. B - November 10, 2000
61
Preliminary
T80C5112
The end-of-conversion flag ADEOC (ADCON.4) is set when the value of conversion is available in ADDH and
ADDL, it is cleared by software. If the bit EADC (IE1.1) is set, an interrupt occur when flag ADEOC is set (see
Figure 31). Clear this flag for re-arming the interrupt.
The bits SCH0 to SCH2 in ADCON register are used for the analog input channel selection.
Before starting normal power reduction modes the ADC conversion has to be completed.
Table 34. Selected Analog input
14.5. Voltage Conversion
When the ADCIN is equals to VAREF the ADC converts the signal to 3FFh (full scale). If the input voltage
equals VAGND, the ADC converts it to 000h. Input voltage between VAREF and VAGND are a straight-line
linear conversion. All other voltages will result in 3FFh if greater than VAREF and 000h if less than VAGND.
Note that ADCIN should not exceed VAREF absolute maximum range.
14.6. Clock Selection
The maximum clock frequency for ADC (CONV_CK for Conversion Clock) is defined in the AC characteristics
section. A prescaler is featured (ADCCLK) to generate the CONV_CK clock from the oscillator frequency.
Figure 30. A/D Converter clock
SCH2
SCH1
SCH0
Selected Analog input
0
0
0
AN0
0
0
1
AN1
0
1
0
AN2
0
1
1
AN3
1
0
0
AN4
1
0
1
AN5
1
1
0
AN6
1
1
1
AN7
Prescaler ADCLK
A/D
Converter
CONV_CK
CKADC
/ 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com