Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T84C5112-RKFEL Datasheet(PDF) 2 Page - ATMEL Corporation

Part # T84C5112-RKFEL
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T84C5112-RKFEL Datasheet(HTML) 2 Page - ATMEL Corporation

  T84C5112-RKFEL Datasheet HTML 1Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 2Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 3Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 4Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 5Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 6Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 7Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 8Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 97 page
background image
2
Rev. B - November 10, 2000
Preliminary
T80C5112
3. Block Diagram
Timer 0
INT
RAM
256
XTAL2
XTAL1
EUART
CPU
Timer 1
Ctrl
C51
CORE
(2) (3)
(2) (3)
Port 1 Port 3
Parallel I/O Ports
IB-bus
Watch
Dog
(2)
(2)
(1): Alternate function of Port 1
(2): Alternate function of Port 3
ROM /OTP
8 K *8
A/D
Converter
x8
Xtal
Osc
RC
Osc
(1)
(1)
(3)
(3): Alternate function of Port 4
Port 4
(2)
(2)
(2)
PCA
(3)(3)(3)
SPI
RC
Osc
BRG
Port 0
Port 2
(3)
EA
Vref
generator
ALE
PSEN
RST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com