Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T84C5112-RKFEL Datasheet(PDF) 51 Page - ATMEL Corporation

Part # T84C5112-RKFEL
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T84C5112-RKFEL Datasheet(HTML) 51 Page - ATMEL Corporation

Back Button T84C5112-RKFEL Datasheet HTML 47Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 48Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 49Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 50Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 51Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 52Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 53Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 54Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 55Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 97 page
background image
Rev. B - November 10, 2000
51
Preliminary
T80C5112
The CMOD SFR includes three additional bits associated with the PCA (See Figure 22 and Table 26).
· The CIDL bit which allows the PCA to stop during idle mode.
· The WDTE bit which enables or disables the watchdog function on module 4.
· The ECF bit which when set causes an interrupt and the PCA overflow flag CF (in the CCON SFR) to be set
when the PCA timer overflows.
The CCON SFR contains the run control bit for the PCA and the flags for the PCA timer (CF) and each module
(Refer to Table 27).
· Bit CR (CCON.6) must be set by software to run the PCA. The PCA is shut off by clearing this bit.
· Bit CF: The CF bit (CCON.7) is set when the PCA counter overflows and an interrupt will be generated if the
ECF bit in the CMOD register is set. The CF bit can only be cleared by software.
· Bits 0 through 4 are the flags for the modules (bit 0 for module 0, bit 1 for module 1, etc.) and are set by
hardware when either a match or a capture occurs. These flags also can only be cleared by software.
Table 27. CCON: PCA Counter Control Register
The watchdog timer function is implemented in module 4 (See Figure 25).
The PCA interrupt system is shown in Figure 23
CCON
Address 0D8H
CF
CR
-
CCF4
CCF3
CCF2
CCF1
CCF0
Reset value
0
0
X
0
0
0
0
0
Symbol
Function
CF
PCA Counter Overflow flag. Set by hardware when the counter rolls over. CF flags
an interrupt if bit ECF in CMOD is set. CF may be set by either hardware or software but
can only be cleared by software.
CR
PCA Counter Run control bit. Set by software to turn the PCA counter on. Must be cleared
by software to turn the PCA counter off.
-
Not implemented, reserved for future use.a
a.
User software should not write 1s to reserved bits. These bits may be used in future 8051 family
products to invoke new features. In that case, the reset or inactive value of the new bit will be 0, and its
active value will be 1. The value read from a reserved bit is indeterminate.
CCF4
PCA Module 4 interrupt flag. Set by hardware when a match or capture occurs. Must be
cleared by software.
CCF3
PCA Module 3 interrupt flag. Set by hardware when a match or capture occurs. Must be
cleared by software.
CCF2
PCA Module 2 interrupt flag. Set by hardware when a match or capture occurs. Must be
cleared by software.
CCF1
PCA Module 1 interrupt flag. Set by hardware when a match or capture occurs. Must be
cleared by software.
CCF0
PCA Module 0 interrupt flag. Set by hardware when a match or capture occurs. Must be
cleared by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com