Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T84C5112-RKFEL Datasheet(PDF) 64 Page - ATMEL Corporation

Part # T84C5112-RKFEL
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T84C5112-RKFEL Datasheet(HTML) 64 Page - ATMEL Corporation

Back Button T84C5112-RKFEL Datasheet HTML 60Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 61Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 62Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 63Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 64Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 65Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 66Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 67Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 68Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 97 page
background image
64
Rev. B - November 10, 2000
Preliminary
T80C5112
Table 38. ADDL Register
ADDL (S:F4h Read Only)
ADC Data Low byte register
Read only register
Reset Value: xxxx xx00b
Table 39. ADCF Register
ADCF (S:F6h)
ADC Input Select Register
Reset Value=0000 0000b
7
6
5
4
3
2
1
0
------
ADAT 1
ADAT 0
Bit Number Bit Mnemonic
Description
7-6
-
Reserved
The value read from these bits are indeterminate. Do not set these bits.
1-0
ADAT1:0
ADC result
bits 1-0
7
6
5
4
3
2
1
0
SEL7
SEL6
SEL5
SEL4
SEL3
SEL2
SEL1
SEL0
Bit Number Bit Mnemonic
Description
7-0
SEL7-0
Select Input 7-0
Set to select bit 7-0 as possible input for A/D
Cleared to leave this bit free for other function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com