Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T84C5112-RKFEL Datasheet(PDF) 6 Page - ATMEL Corporation

Part # T84C5112-RKFEL
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T84C5112-RKFEL Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button T84C5112-RKFEL Datasheet HTML 2Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 3Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 4Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 5Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 6Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 7Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 8Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 9Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 97 page
background image
6
Rev. B - November 10, 2000
Preliminary
T80C5112
I/O
AIN3 (P4.3): A/D converter input 3
INT1: External interrupt 1
I/O
AIN4 (P4.4): A/D converter input 4
MISO: Master IN, Slave OUT of the SPI controller
I/O
AIN5 (P4.5): A/D converter input 5
MOSI: Master OUT, Slave IN of the SPI controller
I/O
AIN6 (P4.6): A/D converter input 6
SPSCK: Clock I/O of the SPI controlle
I/O
AIN7 (P4.7): A/D converter input 7
P0.0-P0.7
X
X
I/O
Port 0: Port 0 is an open-drain, bidirectional I/O port. Port 0 pins that have 1s
written to them ßoat and can be used as high impedance inputs. Port 0 is also
the multiplexed low-order address and data bus during access to external program
and data memory. In this application, it uses strong internal pull-up when emitting
1s.
P2.0-P2.7
X
X
I/O
Port 2: Port 2 is an 8-bit bidirectional I/O port with internal pull-ups. Port 2
pins that have 1s written to them are pulled high by the internal pull-ups and
can be used as inputs. As inputs, Port 2 pins that are externally pulled low will
source current because of the internal pull-ups. Port 2 emits the high-order address
byte during fetches from external program memory and during accesses to external
data memory that use 16-bit addresses (MOVX @DPTR).In this application, it
uses strong internal pull-ups emitting 1s. During accesses to external data memory
that use 8-bit addresses (MOVX @Ri), port 2 emits the contents of the P2 SFR.
RST
X
X
I
RST: A high on this pin for two machine cycles while the oscillator is running,
resets the device. An internal diffused resistor to VSS permits a power-on reset
using only an external capacitor to VCC. If the hardware watchdog reaches its
time-out, the reset pin becomes an output during the time the internal reset is
activated.
ALE
X
X
O
Address Latch Enable: Output pulse for latching the low byte of the address
during an access to external memory. In normal operation, ALE is emitted at a
constant rate of 1/6 (1/3 in X2 mode) the oscillator frequency, and can be used
for external timing or clocking. Note that one ALE pulse is skipped during each
access to external data memory. ALE can be disabled by setting SFRÕs AUXR.0
bit. With this bit set, ALE will be inactive during internal fetches.
PSEN
X
X
O
Program Store ENable: The read strobe to external program memory. When
executing code from the external program memory, PSEN is activated twice each
machine cycle, except that two PSEN activations are skipped during each access
to external data memory. PSEN is not activated during fetches from internal
program memory.
EA
X
X
I
External Access Enable: EA must be externally held low to enable the device
to fetch code from external program memory locations 0000H and 1FFFH . If
EA is held high, the device executes from internal program memory unless the
program counter contains an address greater than 1FFFH. EA must be held low
for ROMless devices. If security level 1 is programmed, EA will be internally
latched on Reset.
XTAL1
X
I
XTAL1 : Input to the inverting oscillator amplifier and input to the internal
clock generator circuits, selected by hardware set upb
XTAL2
X
O
XTAL2 : Output from the inverting oscillator amplifier, selected by hardware
set up
a.
Hardware set up :
+Configuration bits programmed with the code for ROM version
+Configuration bits for EPROM version
b.
Hardware set up :
+Configuration bits programmed with the code for ROM version
+Configuration bits for EPROM version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com