Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T84C5112-RKFEL Datasheet(PDF) 25 Page - ATMEL Corporation

Part # T84C5112-RKFEL
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T84C5112-RKFEL Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button T84C5112-RKFEL Datasheet HTML 21Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 22Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 23Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 24Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 25Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 26Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 27Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 28Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 97 page
background image
Rev. B - November 10, 2000
25
Preliminary
T80C5112
Figure 7. Push-Pull Output
9.1.4. Input only Configuration
The input only configuration is a pure input with neither pull-up nor pull-down.
The input only configuration is shown in Figure 7.
Figure 8. Input only
9.2. Ports description
9.2.1. Ports P1, P3 and P4
Every output on the T80C5112 may potentially be used as a 20 mA sink LED drive output. However, there is a
maximum total output current for all ports which must not be exceeded. All ports pins of the T80C5112 have slew
rate controlled outputs. This is to limit noise generated by quickly switching output signals. The slew rate is factory
set to approximately 10 ns rise and fall times.
The inputs of each I/O port of the T80C5112 are TTL level Schmitt triggers with hysteresis.
9.2.2. Ports P0 and P2
High pin count version of the T80C5112 have standard address and data ports P0 and P2. These ports are standard C51
ports (Quasi-bidirectional I/O). The control lines are provided on the pins : ALE, PSEN, EA, Reset; RD and WR signals
are on the bits P1.1 and P1.0 .
Input
Pin
Strong
N
P
Port latch
Data
Data
Input
Pin
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com