Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T84C5112-RKFEL Datasheet(PDF) 39 Page - ATMEL Corporation

Part # T84C5112-RKFEL
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T84C5112-RKFEL Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button T84C5112-RKFEL Datasheet HTML 35Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 36Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 37Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 38Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 39Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 40Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 41Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 42Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 97 page
background image
Rev. B - November 10, 2000
39
Preliminary
T80C5112
Table 20. BDRCON Register
BDRCON - Baud Rate Control Register (9Bh)
Reset Value = XXX0 0000b
7
6
5
4
3
2
1
0
-
-
-
BRR
TBCK
RBCK
SPD
SRC
Bit
Number
Bit
Mnemonic
Description
7
-
Reserved
The value read from this bit is indeterminate. Do not set this bit
6
-
Reserved
The value read from this bit is indeterminate. Do not set this bit
5
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
4
BRR
Baud Rate Run Control bit
Clear to stop the internal Baud Rate Generator.
Set to start the internal Baud Rate Generator.
3
TBCK
Transmission Baud rate Generator Selection bit for UART
Clear to select Timer 1 or Timer 2 for the Baud Rate Generator.
Set to select internal Baud Rate Generator.
2
RBCK
Reception Baud Rate Generator Selection bit for UART
Clear to select Timer 1 or Timer 2 for the Baud Rate Generator.
Set to select internal Baud Rate Generator.
1
SPD
Baud Rate Speed Control bit for UART
Clear to select the SLOW Baud Rate Generator.
Set to select the FAST Baud Rate Generator.
0
SRC
Baud Rate Source select bit in Mode 0 for UART
Clear to select FOSC/12 as the Baud Rate Generator (FOSC/6 in X2 mode).
Set to select the internal Baud Rate Generator for UARTs in mode 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com