Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T84C5112-RKFEL Datasheet(PDF) 85 Page - ATMEL Corporation

Part # T84C5112-RKFEL
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T84C5112-RKFEL Datasheet(HTML) 85 Page - ATMEL Corporation

Back Button T84C5112-RKFEL Datasheet HTML 81Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 82Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 83Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 84Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 85Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 86Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 87Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 88Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 89Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 97 page
background image
Rev. B - November 10, 2000
85
Preliminary
T80C5112
18.6.2. External Program Memory Characteristics
Table 57. AC Parameters for Fix Clock
Symbol
Parameter
T
Oscillator clock period
TLHLL
ALE pulse width
TAVLL
Address Valid to ALE
TLLAX
Address Hold After ALE
TLLIV
ALE to Valid Instruction In
TLLPL
ALE to PSEN
TPLPH
PSEN Pulse Width
TPLIV
PSEN to Valid Instruction In
TPXIX
Input Instruction Hold After PSEN
TPXIZ
Input Instruction FloatAfter PSEN
TPXAV
PSEN to Address Valid
TAVIV
Address to Valid Instruction In
TPLAZ
PSEN Low to Address Float
Speed
-V
X2 mode
30 MHz
60 MHz equiv.
-V
standard mode
40 MHz
-L
X2 mode
20 MHz
40 MHz equiv.
-L
standard mode
30 MHz
Units
Symbol
Min
Max
Min
Max
Min
Max
Min
Max
T
33
25
50
33
ns
TLHLL
25
42
35
52
ns
TAVLL
4
12
5
13
ns
TLLAX
4
12
5
13
ns
TLLIV
45
78
65
98
ns
TLLPL
9
17
10
18
ns
TPLPH
35
60
50
75
ns
TPLIV
25
50
30
55
ns
TPXIX
0
0
0
0
ns
TPXIZ
12
20
10
18
ns
TAVIV
53
95
80
122
ns
TPLAZ
10
10
10
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com