Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T84C5112-RKFEL Datasheet(PDF) 20 Page - ATMEL Corporation

Part # T84C5112-RKFEL
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T84C5112-RKFEL Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button T84C5112-RKFEL Datasheet HTML 16Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 17Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 18Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 19Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 20Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 21Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 22Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 23Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 97 page
background image
20
Rev. B - November 10, 2000
Preliminary
T80C5112
8. Hardware Watchdog Timer
The WDT is intended as a recovery method in situations where the CPU may be subjected to software upset. The
WDT consists of a 14-bit counter and the WatchDog Timer ReSeT (WDTRST) SFR. The WDT is by default
disabled from exiting reset. To enable the WDT, user must write 01EH and 0E1H in sequence to the WDTRST,
SFR location 0A6H. When WDT is enabled, it will increment every machine cycle ( 6 internal clock periods) and
there is no way to disable the WDT except through reset (either hardware reset or WDT overflow reset). The T0
bit of the WDTPRG register is used to select the overflow after 10 or 14 bits. When WDT overflows, it will
generate an internal reset. It will also drive an output RESET HIGH pulse at the emulator RST-pin.
If the crystal oscillator is selected with whe low speed option (32kHz), the low speed RC oscillator must not be
used. In this case the WDT will also use the low speed crystal oscillator.
8.1. Using the WDT
To enable the WDT, user must write 01EH and 0E1H in sequence to the WDTRST, SFR location 0A6H. When
WDT is enabled, the user needs to service it by writing to 01EH and 0E1H to WDTRST to avoid WDT overflow.
The 14-bit counter overflows when it reaches 16383 (3FFFH) or 1024 (1FFFH) and this will reset the device.
When WDT is enabled, it will increment every machine cycle while the oscillator is running. This means the user
must reset the WDT at least every 16383 machine cycle. To reset the WDT the user must write 01EH and 0E1H
to WDTRST. WDTRST is a write only register. The WDT counter cannot be read or written. When WDT overflows,
it will generate an output RESET pulse at the RST-pin. The RESET pulse duration is 96 x TOSC , where TOSC =
1/FOSC . To make the best use of the WDT, it should be serviced in those sections of code that will periodically
be executed within the time required to prevent a WDT reset.
To have a more powerful WDT, a 27 counter has been added to extend the Time-out capability, ranking from
16ms to 2s @ FOSC = 12MHz and T0=0. To manage this feature, refer to WDTPRG register description, Table
8. (SFR0A7h).
Table 7. WDTRST Register
WDTRST Address (0A6h)
Write only, this SFR is used to reset/enable the WDT by writing 01EH then 0E1H in sequence.
7
6
5
4
3
2
1
Reset value
X
X
X
X
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com