Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T84C5112-RKFEL Datasheet(PDF) 81 Page - ATMEL Corporation

Part # T84C5112-RKFEL
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T84C5112-RKFEL Datasheet(HTML) 81 Page - ATMEL Corporation

Back Button T84C5112-RKFEL Datasheet HTML 77Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 78Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 79Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 80Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 81Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 82Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 83Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 84Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 85Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 97 page
background image
Rev. B - November 10, 2000
81
Preliminary
T80C5112
3.
Power Down ICC is measured with all output pins disconnected; Vpp = VSS; XTAL2 NC.; RST = VSS (see Figure 38.).
4.
Not Applicable
5.
Typicals are based on a limited number of samples and are not guaranteed. The values listed are at room temperature and 5V.
6.
If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater than the listed test
conditions.
7.
For other values, please contact your sales office.
8.
Operating ICC is measured with all output pins disconnected; XTAL1 driven with TCLCH, TCHCL = 5 ns (see Figure 39.), VIL = VSS + 0.5 V,
VIH =VCC - 0.5V; XTAL2 N.C.; RST/Vpp= VCC;. The internal ROM runs the code 80 FE (label: SJMP label). ICC would be slightly higher if a crystal
oscillator is used. Measurements are made with OTP products when possible, which is the worst case.
Figure 35. ICC Test Condition, under reset
Figure 36. Operating ICC Test Condition
VCC
ICC
(NC)
CLOCK
SIGNAL
All other pins are disconnected.
RST
XTAL
XTAL1
VSS
VCC
VCC
ICC
(NC)
CLOCK
SIGNAL
All other pins are disconnected.
RST
XTAL
XTAL1
VSS
VCC
Reset = Vss after a high pulse
during at least 24 clock cycles
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com