Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T84C5112-RKFEL Datasheet(PDF) 5 Page - ATMEL Corporation

Part # T84C5112-RKFEL
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T84C5112-RKFEL Datasheet(HTML) 5 Page - ATMEL Corporation

  T84C5112-RKFEL Datasheet HTML 1Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 2Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 3Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 4Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 5Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 6Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 7Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 8Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 97 page
background image
Rev. B - November 10, 2000
5
Preliminary
T80C5112
MNEMONIC
PIN
NUMBER
TYPE
NAME AND FUNCTION
LQFP
48
PLCC
52
VSS
XX
I
Ground: 0V reference.
VCC
XX
I
Power Supply: This is the power supply voltage for normal, idle and power-
down operation.
AVSS
XI
Analog Ground: 0V reference.
AVCC
I
Analog Power Supply: This is the power supply voltage for normal and idle
operation of the A/D
VREF
X
X
I
VREF : A/D converter positive reference input.
VPP
X
X
I
Vpp : Programming Supply Voltage:
This pin also receives the 12V programming pulse which will start the EPROM
programming and the manufacturer test modes.
P1.0-P1.7
X
X
I/O
Port 1: Port 1 is an 8-bit bidirectional I/O port with internal pull-ups. Port 1 pins
that have 1s written to them are pulled high by the internal pull-ups and can be
used as inputs.
Alternate functions for Port 1 include:
I/O
WR (P1.0): External data memory write strobe
I/O
RD (P1.1): External data memory readstrobe
I/O
ECI (P1.2): External Clock for the PCA
I/O
CEX0 (P1.3): Capture/Compare External I/O for PCA module 0
I/O
CEX1 (P1.4): Capture/Compare External I/O for PCA module 1
I/O
CEX2 (P1.5): Capture/Compare External I/O for PCA module 2
I/O
CEX3 (P1.6): Capture/Compare External I/O for PCA module 3
I/O
CEX4 (P1.7): Capture/Compare External I/O for PCA module 4
P3.0-P3.7
XX
I/O
Port 3: Port 3 is an 8-bit bidirectional I/O port with internal pull-ups. Port 3 pins
that have 1s written to them are pulled high by the internal pull-ups and can be
used as inputs.
P3.4 and P3.5 are valid I/O pins only when the T80C5112 is using the internal
RC oscillator, OSCB.
P3.6 is an input only pin
Port 3 also serves the special features of the 80C51 family, as listed below.
I/O
RXD (P3.0): Serial input port
I/O
TXD (P3.1): Serial output port
I/O
INT0 (P3.2): External interrupt 0
I/O
T0 (P3.3): Timer 0 external input
I/O
XTAL1 (P3.4): Input to the inverting oscillator amplifier and input to the internal
clock generator circuits, selected by hardware set upa
I/O
XTAL2 (P3.5): Output from the inverting oscillator amplifier, selected by
hardware set up
P4.0-P4.7
X
X
I/O
Port 4: Port 4 is an 8-bit bidirectional I/O port. Each bit can be set as pure
CMOS input or as push-pull output.
Port 4 is also the input port of the Analog to digital converter and used for
oscillator and reset.
I/O
AIN0 (P4.0): A/D converter input 0
I/O
AIN1 (P4.1): A/D converter input 1
T1: Timer 1 external input
I/O
AIN2 (P4.2): A/D converter input 2
SS: Slave select input of the SPI controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com