Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T84C5112-RKFEL Datasheet(PDF) 53 Page - ATMEL Corporation

Part # T84C5112-RKFEL
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T84C5112-RKFEL Datasheet(HTML) 53 Page - ATMEL Corporation

Back Button T84C5112-RKFEL Datasheet HTML 49Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 50Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 51Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 52Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 53Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 54Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 55Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 56Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 57Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 97 page
background image
Rev. B - November 10, 2000
53
Preliminary
T80C5112
Table 28. CCAPMn: PCA Modules Compare/Capture Control Registers
Table 29. PCA Module Modes (CCAPMn Registers)
There are two additional registers associated with each of the PCA modules. They are CCAPnH and CCAPnL and
these are the registers that store the 16-bit count when a capture occurs or a compare should occur. When a module
is used in the PWM mode these registers are used to control the duty cycle of the output (See Table 30 & Table 31)
CCAPMn Address
n=0-4
CCAPM0=0DAH
CCAPM1=0DBH
CCAPM2=0DCH
CCAPM3=0DDH
CCAPM4=0DEH
-
ECOMn
CAPPn
CAPNn
MATn
TOGn
PWMm
ECCFn
Reset value
X
0
0
0
0
0
0
0
Symbol
Function
-
Not implemented, reserved for future use.a
a.
User software should not write 1s to reserved bits. These bits may be used in future 8051 family
products to invoke new features. In that case, the reset or inactive value of the new bit will be 0, and its
active value will be 1. The value read from a reserved bit is indeterminate.
ECOMn
Enable Comparator. ECOMn = 1 enables the comparator function.
CAPPn
Capture Positive, CAPPn = 1 enables positive edge capture.
CAPNn
Capture Negative, CAPNn = 1 enables negative edge capture.
MATn
Match. When MATn = 1, a match of the PCA counter with this module's compare/capture
register causes the CCFn bit in CCON to be set, flagging an interrupt.
TOGn
Toggle. When TOGn = 1, a match of the PCA counter with this module's compare/capture
register causes the CEXn pin to toggle.
PWMn
Pulse Width Modulation Mode. PWMn = 1 enables the CEXn pin to be used as a pulse width
modulated output.
ECCFn
Enable CCF interrupt. Enables compare/capture flag CCFn in the CCON register to generate
an interrupt.
ECOMn CAPPn
CAPNn
MATn
TOGn
PWMm
ECCFn
Module Function
0
0
0
0
0
0
0
No Operation
X
1
0000
X
16-bit capture by a positive-edge
trigger on CEXn
X
0
1000
X
16-bit capture by a negative trigger on
CEXn
X
1
1
0
0
0
X
16-bit capture by a transition on CEXn
100100
X
16-bit Software Timer / Compare
mode.
1
0
0
1
1
0
X
16-bit High Speed Output
1
0
0
0
0
1
0
8-bit PWM
1
0
0
1
X
0
X
Watchdog Timer (module 4 only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com