Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T84C5112-RKFEL Datasheet(PDF) 82 Page - ATMEL Corporation

Part # T84C5112-RKFEL
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T84C5112-RKFEL Datasheet(HTML) 82 Page - ATMEL Corporation

Back Button T84C5112-RKFEL Datasheet HTML 78Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 79Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 80Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 81Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 82Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 83Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 84Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 85Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 86Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 97 page
background image
82
Rev. B - November 10, 2000
Preliminary
T80C5112
Figure 37. ICC Test Condition, Idle Mode
Figure 38. ICC Test Condition, Power-Down Mode
Figure 39. Clock Signal Waveform for ICC Tests in Active and Idle Modes
18.5. DC Parameters for A/D Converter
TA =0
°Cto+70°C; V
SS =0V;VCC =2.7Vto5.5 V;F=0to30 MHz.
TA = -40
°Cto+85°C; V
SS =0V;VCC =2.7Vto5.5 V;F=0to30 MHz.
Table 54. DC Parameters for Low Voltage
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
Resolution
10
bit
RST
XTAL
XTAL1
VSS
VCC
ICC
(NC)
VCC
All other pins are disconnected.
CLOCK
SIGNAL
Reset = Vss after a high pulse
during at least 24 clock cycles
VCC
RST
XTAL
XTAL1
VSS
VCC
ICC
VCC
All other pins are disconnected.
Reset = Vss after a high pulse
during at least 24 clock cycles
VCC
VCC-
0.45
0.7VCC
0.2VCC-0.1
TCLCH
TCHCL
TCLCH =TCHCL =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com