Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T84C5112-RKFEL Datasheet(PDF) 96 Page - ATMEL Corporation

Part # T84C5112-RKFEL
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T84C5112-RKFEL Datasheet(HTML) 96 Page - ATMEL Corporation

Back Button T84C5112-RKFEL Datasheet HTML 89Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 90Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 91Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 92Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 93Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 94Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 95Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 96Page - ATMEL Corporation T84C5112-RKFEL Datasheet HTML 97Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 96 / 97 page
background image
96
Rev. B - November 10, 2000
Preliminary
T80C5112
19. Ordering Information
Table 64. Maximum Clock Frequency
Notes: -L parts supplied vith 5V +-10% have same speed as -V parts
Code
-V
-L
Unit
Standard Mode, oscillator frequency
Standard Mode, internal frequency
40
40
40
40
MHz
X2 Mode, oscillator frequency
X2 Mode, internal equivalent frequency
33
66
20
40
MHz
Packages:
RK: LQFP48
S3: PLCC52
T
Part Number
83C5112 zzz (8k ROM, zzz is the customer code)
87C5112 zzz (8k OTP, is the customer code if factory programmed)
80C5112 (ROMless part)
Conditioning
S: Stick
R:Tape & Reel
U: Stick and Dry Pack
F:Tape & Reel and
Dry Pack
R
87C5112
-RK
C
Temperature Range
C:Commercial 0 to 70oC
I:Industrial -40 to 85oC
E: Engineering samples
V:VCC: 5V +/- 10%
L:VCC: 2.7 to 5.5 V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com