Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA323W Datasheet(PDF) 52 Page - STMicroelectronics

Part # STA323W
Description  2.1-channel high-efficiency digital audio system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323W Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STA323W Datasheet HTML 48Page - STMicroelectronics STA323W Datasheet HTML 49Page - STMicroelectronics STA323W Datasheet HTML 50Page - STMicroelectronics STA323W Datasheet HTML 51Page - STMicroelectronics STA323W Datasheet HTML 52Page - STMicroelectronics STA323W Datasheet HTML 53Page - STMicroelectronics STA323W Datasheet HTML 54Page - STMicroelectronics STA323W Datasheet HTML 55Page - STMicroelectronics STA323W Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 77 page
background image
Register descriptions
STA323W
52/77
7.8
AutoModes™ registers
7.8.1
AutoModes™ EQ, volume, GC (address 0x0B)
Setting AMEQ to any value, other than 00, enables AutoModes™ EQ. When set, biquads 1-
4 are not user programmable. Any coefficient settings for these biquads is ignored. Also
when AutoModes™ EQ is used the pre-scale value for channels 1 and 2 becomes hard-set
to -18 dB.
11111110 (0xFE)
-79.5 dB
11111111 (0xFF)
Hard channel mute
Table 51.
Channel volume as a function of CxV[7:0] (continued)
CxV[7:0]
Volume
D7
D6
D5
D4
D3
D2
D1
D0
AMPS
Reserved
AMGC1
AMGC0
AMV1
AMV0
AMEQ1
AMEQ0
10
00
000
0
Table 52.
AutoModes™ EQ
AMEQ[1,0]
Mode (Biquad 1-4)
00
User Programmable
01
Preset EQ - PEQ bits
10
Auto Volume Controlled Loudness Curve
11
Not used
Table 53.
AutoModes™ volume
AMV[1,0]
Mode (MVOL)
00
MVOL 256, 0.5-dB steps (standard)
01
MVOL auto curve 30 steps
10
MVOL auto curve 40 steps
11
MVOL auto curve 50 steps
Table 54.
AutoModes™ gain compression/limiters
AMGC[1:0]
Mode
00
User programmable GC
01
AC no clipping
10
AC limited clipping (10%)
11
DRC night time listening mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com