Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA323W Datasheet(PDF) 14 Page - STMicroelectronics

Part # STA323W
Description  2.1-channel high-efficiency digital audio system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323W Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STA323W Datasheet HTML 10Page - STMicroelectronics STA323W Datasheet HTML 11Page - STMicroelectronics STA323W Datasheet HTML 12Page - STMicroelectronics STA323W Datasheet HTML 13Page - STMicroelectronics STA323W Datasheet HTML 14Page - STMicroelectronics STA323W Datasheet HTML 15Page - STMicroelectronics STA323W Datasheet HTML 16Page - STMicroelectronics STA323W Datasheet HTML 17Page - STMicroelectronics STA323W Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 77 page
background image
Pin out
STA323W
14/77
3
Pin out
3.1
Pin numbering
Figure 8.
Package pins (viewed from top of device)
Table 5.
Pin list
Pin
Type
Name
Description
1
I/O
SUB_GND
Ground
2
N.C.
N.C.
Not connected
3
O
OUT2B
Output half bridge 2B
4
I/O
VCC2B
Positive supply
5
N.C.
N.C.
Not connected
6
I/O
GND2B
Negative supply
7
I/O
GND2A
Negative supply
8
I/O
VCC2A
Positive supply
9
O
OUT2A
Output half bridge 2A
10
O
OUT1B
Output half bridge 1B
11
I/O
VCC1B
Positive supply
12
I/O
GND1B
Negative supply
13
I/O.
GND1A
Negative supply
14
N.C.
N.C.
Not connected
15
I/O
VCC1A
Positive supply
16
O
OUT1A
Output half bridge 1A
VCC_SIGN
VSS
VDD
GND
BICKI
LRCKI
SDI
VDDA
GNDA
XTI
PLL_FILTER
RESERVED
SDA
SCL
RESET
CONFIG
VL
VDD_REG
SUB_GND
N.C.
OUT2B
VCC2B
N.C.
GND2B
GND2A
VCC2A
OUT2A
OUT1B
VCC1B
GND1B
GND1A
N.C.
VCC1A
OUT1A
GND_CLEAN
GND_REG
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com