Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA323W Datasheet(PDF) 47 Page - STMicroelectronics

Part # STA323W
Description  2.1-channel high-efficiency digital audio system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323W Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STA323W Datasheet HTML 43Page - STMicroelectronics STA323W Datasheet HTML 44Page - STMicroelectronics STA323W Datasheet HTML 45Page - STMicroelectronics STA323W Datasheet HTML 46Page - STMicroelectronics STA323W Datasheet HTML 47Page - STMicroelectronics STA323W Datasheet HTML 48Page - STMicroelectronics STA323W Datasheet HTML 49Page - STMicroelectronics STA323W Datasheet HTML 50Page - STMicroelectronics STA323W Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 77 page
background image
STA323W
Register descriptions
47/77
7.5.5
Zero-crossing volume enable
The ZCE bit enables zero-crossing volume adjustments. When volume is adjusted on digital
zero-crossings no clicks are audible.
7.5.6
Soft volume update enable
The STA323W includes a soft volume algorithm that steps through the intermediate volume
values at a predetermined rate when a volume change occurs. By setting SVE = 0 this can
be bypassed and volume changes will jump from the old to the new value directly. This
feature is available only if individual channel volume bypass bit is set to 0.
Table 40.
PWM output speed selections
PWMS[1:0]
PWM output speed
0
Normal speed (384kHz) all channels
1
Odd speed (341.3kHz) all channels
Table 41.
Zero-crossing volume enable
Bit
R/W
RST
Name
Description
6RW
1
ZCE
1: volume adjustments will only occur at digital zero-
crossings
0: volume adjustments will occur immediately
Table 42.
Soft volume update enable
Bit
R/W
RST
Name
Description
7
RW
1
SVE
1: volume adjustments will use soft volume
0: volume adjustments will occur immediately



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com