Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA323W Datasheet(PDF) 15 Page - STMicroelectronics

Part # STA323W
Description  2.1-channel high-efficiency digital audio system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323W Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STA323W Datasheet HTML 11Page - STMicroelectronics STA323W Datasheet HTML 12Page - STMicroelectronics STA323W Datasheet HTML 13Page - STMicroelectronics STA323W Datasheet HTML 14Page - STMicroelectronics STA323W Datasheet HTML 15Page - STMicroelectronics STA323W Datasheet HTML 16Page - STMicroelectronics STA323W Datasheet HTML 17Page - STMicroelectronics STA323W Datasheet HTML 18Page - STMicroelectronics STA323W Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 77 page
background image
STA323W
Pin out
15/77
3.2
Pin description
OUT1A, 1B, 2A and 2B (pins 16, 10, 9 and 3)
The half-bridge PWM outputs 1A, 1B, 2A and 2B provide the inputs signals to the speakers.
RESET (pin 22)
Driving RESET low sets all outputs low and returns all register settings to their default
(reset) values. The reset is asynchronous to the internal clock.
SDA, SCL (pins 24, 23)
The SDA (I2C Data) and SCL (I2C Clock) pins operate according to the I2C specification
(See Chapter 6 on page 33.) Fast-mode (400 kB/s) I2C communication is supported.
VDDA, GNDA (pins 29,28)
The phase locked loop power is applied here. This +3.3V supply must be well decoupled
and filtered for good noise immunity since the audio performance of the device depends
upon the PLL circuit.
17
I/O
GND_CLEAN
Reference ground
18
I/O
GND_REG
Substrate ground
19
I/O
VDD_REG
Logic supply
20
I/O
VL
Logic supply to power section
21
I
CONFIG
Logic levels
22
I
RESET
Reset
23
I
SCL
I2C serial clock
24
I/O
SDA
I2C serial data
25
-
RESERVED
Reserved test pin must be connected to ground
26
I
PLL_FILTER
Connection to PLL filter
27
I
XTI
PLL input clock
28
I/O
GNDA
Analog ground
29
I/O
VDDA
Analog supply 3.3
30
I
SDI_12
I2S serial data channels 1 and 2
31
I/O
LRCKI
I2S left/right clock,
32
I
BICKI
I2S serial clock
33
I/O
GND
Digital ground
34
I/O
VDD
Digital supply 3.3 V
35
I/O
VSS
5 V regulator referred to Vcc
36
I/O
VCC_SIGN
5 V regulator referred to ground
Table 5.
Pin list (continued)
Pin
Type
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com