Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA323W Datasheet(PDF) 56 Page - STMicroelectronics

Part # STA323W
Description  2.1-channel high-efficiency digital audio system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323W Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STA323W Datasheet HTML 52Page - STMicroelectronics STA323W Datasheet HTML 53Page - STMicroelectronics STA323W Datasheet HTML 54Page - STMicroelectronics STA323W Datasheet HTML 55Page - STMicroelectronics STA323W Datasheet HTML 56Page - STMicroelectronics STA323W Datasheet HTML 57Page - STMicroelectronics STA323W Datasheet HTML 58Page - STMicroelectronics STA323W Datasheet HTML 59Page - STMicroelectronics STA323W Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 77 page
background image
Register descriptions
STA323W
56/77
7.9.3
Channel 3 configuration (address 0x10)
EQ control can be bypassed on a per channel basis. If EQ control is bypassed on a given
channel the prescale and all 9 filters (high-pass, biquads, de-emphasis, bass management
cross-over, bass, treble in any combination) are bypassed for that channel.
CxEQBP:
"
0: perform EQ on channel X (normal operation)
"
1: bypass EQ on channel X
Tone control (bass and treble) can be bypassed on a per channel basis. If tone control is
bypassed on a given channel the two filters that tone control utilizes are bypassed.
CxTCB:
"
0: perform tone control on channel x - (default operation)
"
1: bypass tone control on channel x
Each channel can be configured to output either the patented DDX PWM data or standard
binary PWM encoded data. By setting the CxBO bit to ‘1’, each channel can be individually
set to binary operation mode.
It is also possible to map each channel independently to either of the two limiters available
within the STA323W. In the default mode the channels are not mapped to a limiter.
Each PWM output channel can receive data from any channel output of the volume block.
Which channel a particular PWM output receives depends on the CxOM register bits for that
channel.
D7
D6
D5
D4
D3
D2
D1
D0
C3OM1
C3OM0
C3LS1
C3LS0
C3BO
C3VBP
Reserved
Reserved
00
00
000
0
Table 61.
Channel Limiter Mapping Selection
CxLS[1,0]
Channel limiter mapping
00
Channel has limiting disabled
01
Channel is mapped to limiter #1
10
Channel is mapped to limiter #2
Table 62.
Channel PWM output mapping
CxOM[1:0]
PWM output from
00
Channel 1
01
Channel 2
10
Channel 3
11
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com