Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA323W Datasheet(PDF) 42 Page - STMicroelectronics

Part # STA323W
Description  2.1-channel high-efficiency digital audio system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323W Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STA323W Datasheet HTML 38Page - STMicroelectronics STA323W Datasheet HTML 39Page - STMicroelectronics STA323W Datasheet HTML 40Page - STMicroelectronics STA323W Datasheet HTML 41Page - STMicroelectronics STA323W Datasheet HTML 42Page - STMicroelectronics STA323W Datasheet HTML 43Page - STMicroelectronics STA323W Datasheet HTML 44Page - STMicroelectronics STA323W Datasheet HTML 45Page - STMicroelectronics STA323W Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 77 page
background image
Register descriptions
STA323W
42/77
Figure 47.
Serial input and data timing
7.2.3
Delay serial clock enable
g
Each channel received from the I2S can be mapped to any internal processing channel via
the channel input mapping registers. This allows processing flexibility. The default settings of
these registers map each I2S input channel to its corresponding processing channel.
Table 23.
Serial input data timing characteristics (fs = 32 to 192 kHz)
parameter
Timing
BICKI frequency (slave mode)
12.5 MHz max.
BICKI pulse width high (T1) (slave mode)
40 ns min.
BICKI active to LRCKI edge delay (T2)
20 ns min.
BICKI active to LRCKI edge delay (T3)
20 ns min.
SDI valid to BICKI active setup (T4)
20 ns min.
BICKI active to SDI hold time (T5)
20 ns min.
T5
T0
T1
T3
T2
T4
SDI
BICKI
LRCKI
Table 24.
Delay serial clock enable
Bit
R/W
RST
Name
Description
5RW
0
DSCKE
0: no serial clock delay
1: serial clock delay by 1 core clock cycle to tolerate
anomalies in some I2S master devices
Table 25.
Channel input mapping
Bit
R/W
RST
Name
Description
6RW
0
C1IM
0: processing channel 1 receives left I2S input
1: processing channel 1 receives right I2S input
7RW
1
C2IM
0: processing channel 2 receives left I2S input
1: processing channel 2 receives right I2S input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com