Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA323W Datasheet(PDF) 18 Page - STMicroelectronics

Part # STA323W
Description  2.1-channel high-efficiency digital audio system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323W Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STA323W Datasheet HTML 14Page - STMicroelectronics STA323W Datasheet HTML 15Page - STMicroelectronics STA323W Datasheet HTML 16Page - STMicroelectronics STA323W Datasheet HTML 17Page - STMicroelectronics STA323W Datasheet HTML 18Page - STMicroelectronics STA323W Datasheet HTML 19Page - STMicroelectronics STA323W Datasheet HTML 20Page - STMicroelectronics STA323W Datasheet HTML 21Page - STMicroelectronics STA323W Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 77 page
background image
Electrical specifications
STA323W
18/77
4.2
DC electrical specifications (3.3 V buffers)
Operating conditions VDD33 = 3.3 V ±0.3 V, Tamb = 25° C unless otherwise specified
4.3
Power electrical specifications
Operating conditions VDD33 = 3.3 V ±0.3 V, VL = 3.3 V, VCC =30V, Tamb = 25° C unless
otherwise specified.
Table 10.
DC electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VIL
Low level Input voltage
0.8
V
VIH
High level Input voltage
2.0
V
Vhyst
Schmitt trigger hysteresis
0.4
V
Vol
Low level output
IoI = 2mA
0.15
V
Voh
High level output
Ioh = -2mA
VDD -
0.15
V
Table 11.
Power electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
RdsON
Power Pchannel/Nchannel
MOSFET RdsON
Id = 1 A
200
270
m
Ω
Idss
Power Pchannel/Nchannel
leakage Idss
Vcc = 35 V
50
µA
gN
Power Pchannel RdsON
matching
Id = 1 A
95
%
gP
Power Nchannel RdsON
matching
Id = 1 A
95
%
Dt_s
Low current dead time (static)
See test circuits , Figure
9 and Figure 10
10
20
ns
td ON
Turn-on delay time
Resistive load
100
ns
td OFF
Turn-off delay time
Resistive load
100
ns
tr
Rise time
Resistive load, Figure 9
and Figure 10
25
ns
tf
Fall time
Resistive load, Figure 9
and Figure 10
25
ns
VCC
Supply voltage
8
36
V
VL
Low logical state voltage
VL = 3.3 V
0.8
V
VH
High logical state voltage
VL = 3.3 V
1.7
V
IVCC-
PWRDN
Supply current from Vcc in
PWRDN
PWRDN = 0
3
mA
IVCC-hiz
Supply current from Vcc in 3-
state
VCC = 30 V, 3-state
22
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com