Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA323W Datasheet(PDF) 51 Page - STMicroelectronics

Part # STA323W
Description  2.1-channel high-efficiency digital audio system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323W Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STA323W Datasheet HTML 47Page - STMicroelectronics STA323W Datasheet HTML 48Page - STMicroelectronics STA323W Datasheet HTML 49Page - STMicroelectronics STA323W Datasheet HTML 50Page - STMicroelectronics STA323W Datasheet HTML 51Page - STMicroelectronics STA323W Datasheet HTML 52Page - STMicroelectronics STA323W Datasheet HTML 53Page - STMicroelectronics STA323W Datasheet HTML 54Page - STMicroelectronics STA323W Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 77 page
background image
STA323W
Register descriptions
51/77
When set to 1, the Master Mute will mute all channels, whereas the individual channel
mutes (CxM) will mute only that channel. Both the Master Mute and the Channel Mutes
provide a “soft mute”, that is, a gradual muting with the volume ramping down to mute in
4096 samples from the maximum volume setting at the internal processing rate of circa
96 kHz. A “hard mute” can be obtained by setting a value of 0xFF in any channel volume
register or the master volume register. When volume offsets are provided, via the master
volume register, any channel whose total volume is less than -100 dB is muted.
All changes in volume take place at zero-crossings when ZCE = 1 (configuration register E)
on a per channel basis as this creates the smoothest possible volume transitions. When
ZCE = 0, volume updates occur immediately.
The STA323W also features a soft-volume update function. When SVE = 1 (in configuration
register E) the volume ramps between intermediate values when the value is updated, This
feature can be disabled by setting SVE = 0.
Each channel also contains an individual channel volume bypass. If a particular channel has
volume bypassed via the CxVBP = 1 register then only the channel volume setting for that
particular channel affects the volume setting, the master volume setting does not affect that
channel. Also, master soft-mute does not affect the channel if CxVBP = 1.
Each channel also contains a channel mute. If CxM = 1 a soft mute is performed on that
channel.
Table 50.
Master volume offset as a function of MV[7:0]
MV[7:0]
Volume offset from channel value
00000000 (0x00)
0 dB
00000001 (0x01)
-0.5 dB
00000010 (0x02)
-1 dB
……
01001100 (0x4C)
-38 dB
……
11111110 (0xFE)
-127 dB
11111111 (0xFF)
Hard Master Mute
Table 51.
Channel volume as a function of CxV[7:0]
CxV[7:0]
Volume
00000000 (0x00)
+48 dB
00000001 (0x01)
+47.5 dB
00000010 (0x02)
+47 dB
……
01100001 (0x5F)
+0.5 dB
01100000 (0x60)
0 dB
01011111 (0x61)
-0.5 dB
……



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com