Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA323W Datasheet(PDF) 49 Page - STMicroelectronics

Part # STA323W
Description  2.1-channel high-efficiency digital audio system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323W Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STA323W Datasheet HTML 45Page - STMicroelectronics STA323W Datasheet HTML 46Page - STMicroelectronics STA323W Datasheet HTML 47Page - STMicroelectronics STA323W Datasheet HTML 48Page - STMicroelectronics STA323W Datasheet HTML 49Page - STMicroelectronics STA323W Datasheet HTML 50Page - STMicroelectronics STA323W Datasheet HTML 51Page - STMicroelectronics STA323W Datasheet HTML 52Page - STMicroelectronics STA323W Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 77 page
background image
STA323W
Register descriptions
49/77
When ECLE is active, it issues a power device power down signal (EAPD) on clock loss
detection.
EAPD is used to actively power down a connected DDX® power device. This register has to
be written to 1 at start-up to enable the DDX® power device for normal operation.
Table 47.
Auto-EAPD on clock loss enable
Bit
R/W
RST
Name
Description
5RW
0
ECLE
0: disabled
1: enabled
Table 48.
Software power down
Bit
R/W
RST
Name
Description
6RW
1
PWDN
Software power down:
0: power down mode: initiates a power-down sequence
which results in a soft mute of all channels and finally asserts
EAPD circa 260 ms later
1: normal operation
Table 49.
External amplifier power down
Bit
R/W
RST
Name
Description
7
RW
0
EAPD
0: external power stage power down active
1: normal operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com