Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA323W Datasheet(PDF) 74 Page - STMicroelectronics

Part # STA323W
Description  2.1-channel high-efficiency digital audio system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323W Datasheet(HTML) 74 Page - STMicroelectronics

Back Button STA323W Datasheet HTML 69Page - STMicroelectronics STA323W Datasheet HTML 70Page - STMicroelectronics STA323W Datasheet HTML 71Page - STMicroelectronics STA323W Datasheet HTML 72Page - STMicroelectronics STA323W Datasheet HTML 73Page - STMicroelectronics STA323W Datasheet HTML 74Page - STMicroelectronics STA323W Datasheet HTML 75Page - STMicroelectronics STA323W Datasheet HTML 76Page - STMicroelectronics STA323W Datasheet HTML 77Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 74 / 77 page
background image
Package information
STA323W
74/77
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Table 74.
PowerSO-36 slug down dimensions
Symbol
mm
inch
Min
Typ
Max
Min
Typ
Max
A
--3.60
--0.142
a1
0.10
-
0.30
.004
-
.012
a2
--3.30
--0.130
a3
0
-
0.10
0
-
.004
b
0.22
-
0.38
0.009
-
0.015
c
0.23
-
0.32
0.009
-
0.013
D
15.80
-
16.00
0.622
-
0.630
D1
9.40
-
9.80
0.370
-
0.386
E
13.90
-
14.50
0.547
-
0.571
E1
10.90
-
11.10
0.429
-
0.437
E2
--2.90
--0.114
E3
5.80
-
6.20
0.228
-
0.244
e
-
0.65
-
-
0.026
-
e3
-
11.05
-
-
0.435
-
G
0
-0.10
0
-0.004
H
15.50
-
15.90
0.610
-
0.626
h
--1.10
--0.043
L
0.80
-
1.10
0.031
-
0.043
M
2.25
-
2.60
0.089
-
0.102
N
-
-
10 degrees
-
-
10 degrees
R
-
0.30
-
-
0.012
-
s
--8 degrees
--8 degrees



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com