Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA323W Datasheet(PDF) 16 Page - STMicroelectronics

Part # STA323W
Description  2.1-channel high-efficiency digital audio system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323W Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STA323W Datasheet HTML 12Page - STMicroelectronics STA323W Datasheet HTML 13Page - STMicroelectronics STA323W Datasheet HTML 14Page - STMicroelectronics STA323W Datasheet HTML 15Page - STMicroelectronics STA323W Datasheet HTML 16Page - STMicroelectronics STA323W Datasheet HTML 17Page - STMicroelectronics STA323W Datasheet HTML 18Page - STMicroelectronics STA323W Datasheet HTML 19Page - STMicroelectronics STA323W Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 77 page
background image
Pin out
STA323W
16/77
CLK (pin 27)
This is the master clock input used by the digital core. The master clock must be an integer
multiple of the LR clock frequency. Typically, the master clock frequency is 12.288 MHz
(256 * fs) for a 48kHz sample rate; it is the default setting at power-up. Care must be taken
to provide the device with the nominal system clock frequency; over-clocking the device may
result in anomalous operation, such as inability to communicate.
PLL_FILTER (pin 26)
This is the connection for the external filter components for the PLL loop compensation.
Refer to the schematic diagram Figure 7: Power schematic for 1 mono parallel channel on
page 13 for the recommended circuit.
BICKI (pin 32)
The serial or bit clock input is for framing each data bit. The bit clock frequency is typically
64 * fs using I2S serial format.
SDI (pin 30)
This is the serial data input where PCM audio information enters the device. Six format
choices are available including I2S, left or right justified, LSB or MSB first, with word widths
of 16, 18, 20 and 24 bits.
LRCKI (pin 31)
The left/right clock input is for data word framing. The clock frequency is at the input sample
rate, fs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com