Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA323W Datasheet(PDF) 45 Page - STMicroelectronics

Part # STA323W
Description  2.1-channel high-efficiency digital audio system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323W Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STA323W Datasheet HTML 41Page - STMicroelectronics STA323W Datasheet HTML 42Page - STMicroelectronics STA323W Datasheet HTML 43Page - STMicroelectronics STA323W Datasheet HTML 44Page - STMicroelectronics STA323W Datasheet HTML 45Page - STMicroelectronics STA323W Datasheet HTML 46Page - STMicroelectronics STA323W Datasheet HTML 47Page - STMicroelectronics STA323W Datasheet HTML 48Page - STMicroelectronics STA323W Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 77 page
background image
STA323W
Register descriptions
45/77
7.4.4
Post-scale link
Post-scale functionality is an attenuation placed after the volume control and directly before
the conversion to PWM. Post-scale can also be used to limit the maximum modulation index
and therefore the peak current. Setting 1, in the PSL register, causes the value stored in
Channel 1 post-scale to be used for all three internal channels.
7.4.5
Biquad coefficient link
For ease of use, all channels can use the biquad coefficients loaded into the channel 1
coefficient RAM space by setting the BQL bit to 1. Therefore, any EQ updates only have to
be performed once.
7.4.6
Dynamic range compression/anti-clipping bit
Both limiters can be used in one of two ways: anti-clipping or dynamic range compression.
When used in anti-clipping mode the limiter threshold values are constant and dependent on
the limiter settings. In dynamic range compression mode the limiter threshold values vary
with the volume settings allowing a nighttime listening mode that provides a reduction in the
dynamic range regardless of the volume level.
7.4.7
Zero-detect mute enable
Setting the ZDE bit enables the zero-detect automatic mute. When ZDE = 1, the zero-detect
circuit looks at the input data to each processing channel after the channel-mapping block. If
any channel receives 2048 consecutive zero value samples (regardless of fs) then that
individual channel is muted if this function is enabled.
Table 32.
Post-scale link
Bit
R/W
RST
Name
Description
3
RW
0
PSL
0: each channel uses individual post-scale value
1: each channel uses channel 1 post-scale value
Table 33.
Biquad coefficient link
Bit
R/W
RST
Name
Description
4RW
0
BQL
0: each channel uses coefficient values
1: each channel uses channel 1 coefficient values
Table 34.
Dynamic range compression/anti-clipping bit
Bit
R/W
RST
Name
Description
5RW
0
DRC
0: limiters act in anti-clipping mode
1: limiters act in dynamic range compression mode
Table 35.
Zero-detect mute enable
Bit
R/W
RST
Name
Description
6
RW
1
ZDE
Setting of 1 enables the automatic zero-detect mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com