Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA323W Datasheet(PDF) 53 Page - STMicroelectronics

Part # STA323W
Description  2.1-channel high-efficiency digital audio system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323W Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STA323W Datasheet HTML 49Page - STMicroelectronics STA323W Datasheet HTML 50Page - STMicroelectronics STA323W Datasheet HTML 51Page - STMicroelectronics STA323W Datasheet HTML 52Page - STMicroelectronics STA323W Datasheet HTML 53Page - STMicroelectronics STA323W Datasheet HTML 54Page - STMicroelectronics STA323W Datasheet HTML 55Page - STMicroelectronics STA323W Datasheet HTML 56Page - STMicroelectronics STA323W Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 77 page
background image
STA323W
Register descriptions
53/77
7.8.2
AutoModes™ AM/pre-scale/bass management scale (address 0x0C)
When DDX® is used with an AM radio tuner, it is recommended to use the AMAM bits to
automatically adjust the output PWM switching rate so that it depends on the specific radio
frequency that the tuner is receiving. The values used in AMAM are also dependent upon
the sample rate that is determined by the ADC used.
Table 55.
AMPS - AutoModes™ auto pre scale
Bit
R/W
RST
Name
Description
0
RW
0
AMPS
AutoMode pre-scale
0: -18 dB used for pre-scale when AMEQ neq 00
1: User defined pre-scale when AMEQ neq 00
D7
D6
D5
D4
D3
D2
D1
D0
XO3
XO2
XO1
XO0
AMAM2
AMAM1
AMAM0
AMAME
00
00
000
0
Table 56.
AutoModes™ AM switching enable
Bit
R/W
RST
Name
Description
0
RW
0
AMAME
0: switching frequency determined by PWMS setting
1: switching frequency determined by AMAM settings
3:1
RW
000
AMAM[2:0]
Default: 000
Table 57.
AutoModes™ AM switching frequency selection
AMAM[2:0]
48 kHz/96 kHz input fs
44.1 kHz/88.2 kHz input fs
000
0.535 MHz - 0.720 MHz
0.535 MHz - 0.670 MHz
001
0.721 MHz - 0.900 MHz
0.671 MHz - 0.800 MHz
010
0.901 MHz - 1.100 MHz
0.801 MHz - 1.000 MHz
011
1.101 MHz - 1.300 MHz
1.001 MHz - 1.180 MHz
100
1.301 MHz - 1.480 MHz
1.181 MHz - 1.340 MHz
101
1.481 MHz - 1.600 MHz
1.341 MHz - 1.500 MHz
110
1.601 MHz - 1.700 MHz
1.501 MHz - 1.700 MHz
Table 58.
AutoModes™ crossover setting
Bit
R/W
RST
Name
Description
7:4
RW
0
XO[3:0]
000: user defined crossover coefficients are used
Otherwise: preset coefficients are used for the required
crossover setting
Table 59.
Crossover frequency selection
XO[2:0]
Bass management - crossover frequency
0000
User
0001
80 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com