Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA323W Datasheet(PDF) 38 Page - STMicroelectronics

Part # STA323W
Description  2.1-channel high-efficiency digital audio system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323W Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STA323W Datasheet HTML 34Page - STMicroelectronics STA323W Datasheet HTML 35Page - STMicroelectronics STA323W Datasheet HTML 36Page - STMicroelectronics STA323W Datasheet HTML 37Page - STMicroelectronics STA323W Datasheet HTML 38Page - STMicroelectronics STA323W Datasheet HTML 39Page - STMicroelectronics STA323W Datasheet HTML 40Page - STMicroelectronics STA323W Datasheet HTML 41Page - STMicroelectronics STA323W Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 77 page
background image
Register descriptions
STA323W
38/77
The external clock frequency provided to the XTI pin must be a multiple of the input sample
frequency (fs). The correlation between the input clock and the input sample rate is
determined by the status of the MCSx bits and the IR (input rate) register bits. The MCSx
bits determine the PLL factor generating the internal clock and the IR bit determines the
oversampling ratio used internally.
7.1.2
Interpolation ratio select
The STA323W has variable interpolation (re-sampling) settings such that internal
processing and DDX output rates remain consistent. The first processing block interpolates
by either 2 times or 1 time (pass-through) or provides a down-sample by a factor of 2.
The IR bits determine the re-sampling ratio of this interpolation.
Table 15.
IR and MCS settings for input sample rate and clock rate
Input sample rate
fs (kHz)
IR
MCS[2:0]
000
001
010
011
100
101
32, 44.1, 48
00
768 * fs
512 * fs
384 * fs
256 * fs
128 * fs
576 * fs
88.2, 96
01
384 * fs
256 * fs
192 * fs
128 * fs
64 * fs
x
176.4, 192
1X
384 * fs
256 * fs
192 * fs
128 * fs
64 * fs
x
Table 16.
Interpolation ratio select
Bit
R/W
RST
Name
Description
4:3
RW
00
IR[1:0]
Selects internal interpolation ratio based on input I2S sample
frequency
Table 17.
IR bit settings as a function of input sample rate
Input sample rate fs (kHz)
IR[1, 0]
1st stage interpolation ratio
32
00
2 times over-sampling
44.1
00
2 times over-sampling
48
00
2 times over-sampling
88.2
01
Pass-Through
96
01
Pass-Through
176.4
10
Down-sampling by 2
192
10
Down-sampling by 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com