Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA323W Datasheet(PDF) 17 Page - STMicroelectronics

Part # STA323W
Description  2.1-channel high-efficiency digital audio system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323W Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STA323W Datasheet HTML 13Page - STMicroelectronics STA323W Datasheet HTML 14Page - STMicroelectronics STA323W Datasheet HTML 15Page - STMicroelectronics STA323W Datasheet HTML 16Page - STMicroelectronics STA323W Datasheet HTML 17Page - STMicroelectronics STA323W Datasheet HTML 18Page - STMicroelectronics STA323W Datasheet HTML 19Page - STMicroelectronics STA323W Datasheet HTML 20Page - STMicroelectronics STA323W Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 77 page
background image
STA323W
Electrical specifications
17/77
4
Electrical specifications
4.1
General interface specifications
Operating conditions VDD33 = 3.3 V ±0.3 V, Tamb = 25° C unless otherwise specified.
Table 6.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDD_3.3
3.3 V I/O power supply
-0.5 to 4
V
Vi
Voltage on input pins
-0.5 to (VDD+0.5)
V
Vo
Voltage on output pins
-0.5 to (VDD+0.5)
V
Tstg
Storage temperature
-40 to +150
°C
Tamb
Ambient operating temperature
-40 to +85
°C
VCC
DC supply voltage
40
V
VMAX
Maximum voltage on pin 20
5.5
V
Table 7.
Thermal data
Symbol
Parameter
Min
Typ
Max
Unit
Rthj-case
Thermal resistance junction to case (thermal pad)
2.5
°C/W
Tj-SD
Thermal shut-down junction temperature
150
°C
TWARN
Thermal warning temperature
130
°C
Th-SD
Thermal shut-down hysteresis
25
°C
Table 8.
Recommended DC operating conditions
Symbol
Parameter
Value
Unit
VDD_3.3
I/O power supply
3.0 to 3.6
V
Tj
Operating junction temperature
-40 to +125
°C
Table 9.
General interface electrical characteristics
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Iil
Leakage current: low level
input, no pull-up
Vi = 0 V
(1)
1.
The leakage currents are generally very small < 1 nA. The values given here are maximum after an
electrostatic stress on the pin.
1
µA
Iih
Leakage current: high level
input, no pull-down
Vi = VDD33
(1)
2
µA
IOZ
Leakage current: 3-state
output without pull-up/down
Vi = VDD33
(1)
2
µA
Vesd
Electrostatic protection
(human body model)
Leakage < 1
µA2000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com