Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA680 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STA680
Description  HD Radio base-band receiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA680 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STA680 Datasheet HTML 9Page - STMicroelectronics STA680 Datasheet HTML 10Page - STMicroelectronics STA680 Datasheet HTML 11Page - STMicroelectronics STA680 Datasheet HTML 12Page - STMicroelectronics STA680 Datasheet HTML 13Page - STMicroelectronics STA680 Datasheet HTML 14Page - STMicroelectronics STA680 Datasheet HTML 15Page - STMicroelectronics STA680 Datasheet HTML 16Page - STMicroelectronics STA680 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
STA680
I/O description
13/43
3.3
Pin list
The Table 2 briefly describes the main function and characteristics of the STA680 I/O
signals in normal operation mode.
Table 2.
Pins description
Pin #
Ball #
Signal name
Type
Electrical
Supply
group
Description
Test
1
A13
TESTMODE
input
1.8 V or 3.3 V
Generic IO
Supply
Factory test mode
Standard 1149.1 JTAG interface
2
B14
TRST_N
input
1.8 V or 3.3 V
Generic IO
Supply
JTAG active-low test reset
3
C12
TCK
input
1.8 V or 3.3 V
Generic IO
Supply
JTAG test clock
4
D12
TMS
input
1.8 V or 3.3 V
Generic IO
Supply
JTAG test mode state
5
C11
TDI
input
1.8 V or 3.3 V
Generic IO
Supply
JTAG test data in
6
D11
TDO
input
1.8 V or 3.3 V
Generic IO
Supply
JTAG test data out
GPIO & UART interfaces
7
A11
RTS_GPIO0
in/out
1.8 V or 3.3 V
Generic IO
Supply
UART ready to send /GPIO bit 0
10
B11
CTS_GPIO1
in/out
1.8 V or 3.3 V
Generic IO
Supply
UART clear to send /GPIO bit 1
13
A10
TXD_GPIO2
in/out
1.8 V or 3.3 V
Generic IO
Supply
UART transmit data /GPIO bit 2
14
B10
RXD_GPIO3
in/out
1.8 V or 3.3 V
Generic IO
Supply
UART receive data /GPIO bit 3
Not
bonded
D10
GPIO4
in/out
1.8 V or 3.3 V
Generic IO
Supply
GPIO bit 4
Not
bonded
B1
GPIO5
in/out
1.8 V or 3.3 V
Generic IO
Supply
GPIO bit 5
Not
bonded
B2
GPIO6
in/out
1.8 V or 3.3 V
Generic IO
Supply
GPIO bit 6
Not
bonded
C5
GPIO7
in/out
1.8 V or 3.3 V
Generic IO
Supply
GPIO bit 7
Reset
15
A9
RESET_N
input
1.8 V or 3.3 V
Generic IO
Supply
Device active-low reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com