Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA680 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STA680
Description  HD Radio base-band receiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA680 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STA680 Datasheet HTML 11Page - STMicroelectronics STA680 Datasheet HTML 12Page - STMicroelectronics STA680 Datasheet HTML 13Page - STMicroelectronics STA680 Datasheet HTML 14Page - STMicroelectronics STA680 Datasheet HTML 15Page - STMicroelectronics STA680 Datasheet HTML 16Page - STMicroelectronics STA680 Datasheet HTML 17Page - STMicroelectronics STA680 Datasheet HTML 18Page - STMicroelectronics STA680 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
STA680
I/O description
15/43
I2S audio input interface
45
F2
AUDIO_IN_AWS
input
1.8 V or 3.3 V
Generic IO
Supply
Digital audio input word strobe
44
E1
AUDIO_IN_ABCK
input
1.8 V or 3.3 V
Generic IO
Supply
Digital audio input bit clock
50
F1
AUDIO_IN_ADAT
input
1.8 V or 3.3 V
Generic IO
Supply
Digital audio input serial data
Audio output interfaces
55
G1
AWS
in/out
1.8 V or 3.3 V
Generic IO
Supply
Digital audio output word strobe
56
H3
ABCK
in/out
1.8 V or 3.3 V
Generic IO
Supply
Digital audio output clock
54
G2
ADAT
output 1.8 V or 3.3 V
Generic IO
Supply
Digital audio output serial data
53
C3
ADAT2
output 1.8 V or 3.3 V
Generic IO
Supply
Digital audio output serial data
channel 2
52
E3
ADAT3
output 1.8 V or 3.3 V
Generic IO
Supply
Digital audio output serial data
channel 3
43
E2
SPDIF
output 1.8 V or 3.3 V
Generic IO
Supply
Digital audio output in SPDIF
format
34
B3
BLEND
output 1.8 V or 3.3 V
Generic IO
Supply
Digital audio output blend output
51
G3
DAC256X
output 1.8 V or 3.3 V
Generic IO
Supply
Digital audio output
oversupplying clock (256 x Fs)
Clock and oscillator
57
K2
CLK_IN
input
1.8 V or 3.3 V
Generic IO
Supply
Reference digital clock
66
L1
OSC_IN
analo
g
1.8 V
Osc
Supply
28,224MHz crystal in or digital
clock input
67
L2
OSC_OUT
analo
g
1.8 V
Osc
Supply
Crystal output
SPI Flash interface
77
P4
SPI2_MISO
input
1.8 V or 3.3 V
Flash IO
Supply
SPI interface 2 serial data master
in/slave out
74
N3
SPI2_MOSI
output 1.8 V or 3.3 V
Flash IO
Supply
SPI interface 2 serial data master
out/slave in
75
P3
SPI2_SS0_N
output 1.8 V or 3.3 V
Flash IO
Supply
SPI interface 2 active-low slave
select 0
Not
bonded
M3
SPI2_SS1_N
output 1.8 V or 3.3 V
Flash IO
Supply
SPI interface 2 active-low slave
select 1
Table 2.
Pins description (continued)
Pin #
Ball #
Signal name
Type
Electrical
Supply
group
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com